Electronic Components Datasheet Search
  English  ▼

X  

LTC1657 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1657 Datasheet HTML 2Page - Linear Technology LTC1657 Datasheet HTML 3Page - Linear Technology LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology LTC1657 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1657/LTC1657L
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1657L Full-Scale Voltage
vs Temperature
TEMPERATURE (
°C)
–55
2.490
2.495
2.500
2.505
2.510
–25
5
35
65
1657 G10
95
125
TEMPERATURE (
°C)
–55
–10
35
80
125
1657 G11
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TEMPERATURE (
°C)
–55
–10
35
80
125
1657 G12
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
– 0.8
–1.0
LTC1657 Offset Error
vs Temperature
LTC1657 Supply Current
vs Logic Input Voltage
LTC1657L Offset Error
vs Temperature
LOGIC INPUT VOLTAGE (V)
0
1
2
3
4
5
1657 G13
8
7
6
5
4
3
2
1
0
VCC = 5V
LTC1657 Supply Current
vs Temperature
LTC1657L Supply Current
vs Logic Input Voltage
LOGIC INPUT VOLTAGE (V)
0
0.2
0.4
0.8
1.0
1.2
2
2.0
1657 G14
0.6
13
1.4
1.6
1.8
VCC = 3V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1657 G15
700
680
660
640
620
600
580
560
540
520
500
VCC = 5.5V
VCC = 5V
VCC = 4.5V
LTC1657
Large-Signal Transient Response
LTC1657L Supply Current
vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1657 G16
560
550
540
530
520
510
500
490
480
470
460
VCC = 3.3V
VCC = 3V
VCC = 2.7V
TIME (20
µs/DIV)
1657 G17
5
4
3
2
1
0
VOUT UNLOADED
TA = 25°C
LTC1657L
Large-Signal Transient Response
TIME (20
µs/DIV)
0
2
4
1
3
5
1657 G18
VOUT UNLOADED
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com