Electronic Components Datasheet Search
  English  ▼

X  

LTC1657 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 3 Page - Linear Technology

  LTC1657 Datasheet HTML 1Page - Linear Technology LTC1657 Datasheet HTML 2Page - Linear Technology LTC1657 Datasheet HTML 3Page - Linear Technology LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1657/LTC1657L
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V (LTC1657), VCC = 2.7V to 5.5V (LTC1657L),
VOUT unloaded, REFOUT tied to REFHI, REFLO tied to GND, X1/X2 tied to GND, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
70
120
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
80
140
mA
Output Impedance to GND
Input Code = 0 (LTC1657)
q
40
120
Ω
Input Code = 0 (LTC1657L)
q
120
275
Ω
Output Line Regulation
Input Code = 65535, LTC1657: VCC = 4.5V to 5.5V
q
4
mV/V
Input Code = 65535, LTC1657L: VCC = 2.7V to 5.5V
q
3
mV/V
AC Performance
Voltage Output Slew Rate
(Note 5)
q
±0.3
±0.7
V/
µs
Voltage Output Settling Time
(Note 5) to 0.0015% (16-Bit Settling Time)
20
µs
(Note 5) to 0.012% (13-Bit Settling Time)
10
µs
Digital Feedthrough
(Note 6)
0.3
nV •s
Midscale Glitch Impulse
DAC Switch Between 8000H and 7FFFH
8nV •s
Output Voltage Noise Using
X1/X2 Tied to VOUT (Notes 8, 9)
Internal Reference at 1kHz
LTC1657
165
nV/
√Hz
LTC1657L
105
nV/
√Hz
Output Voltage Noise Using
X1/X2 Tied to VOUT (Notes 8, 9, 10)
50
nV/
√Hz
External Reference at 1kHz
Output Voltage Noise Density Using
X1/X2 Tied to VOUT (Notes 8, 9)
8
µVP-P
Internal Reference from 0.1Hz to 10Hz
Refererence Input Multiplying BW
700
kHz
Reference Output (REFOUT)
Reference Output Voltage
LTC1657
q
2.036
2.048
2.060
V
LTC1657L
q
1.240
1.250
1.260
V
Reference Output
15
ppm/
°C
Temperature Coefficient
Reference Line Regulation
LTC1657: VCC = 4.5V to 5.5V
q
±1.5
mV/V
LTC1657L: VCC = 2.7V to 5.5V
q
±1.0
mV/V
Reference Load Regulation
Measured at IOUT = 100µA (LTC1657)
q
5
mV/A
Measured at IOUT = 100µA (LTC1657L)
q
3
mV/A
Short-Circuit Current
REFOUT Shorted to GND
q
50
100
mA
Reference Output Voltage Noise at 1kHz
LTC1657
150
nV/
√Hz
LTC1657L
90
nV/
√Hz
Reference Output Voltage Noise Density
6
µVP-P
from 0.1Hz to 10Hz
Reference Input
REFHI, REFLO Input Range
(Note 7) See Applications Information
X1/X2 Tied to VOUT
q
0VCC – 1.5
V
X1/X2 Tied to GND
q
0VCC/2
V
REFHI Input Resistance
LTC1657
q
16
25
k
Ω
LTC1657L (Relative to REFLO)
q
16
23
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com