Electronic Components Datasheet Search
  English  ▼

X  

LTC1657 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 4 Page - Linear Technology

  LTC1657 Datasheet HTML 1Page - Linear Technology LTC1657 Datasheet HTML 2Page - Linear Technology LTC1657 Datasheet HTML 3Page - Linear Technology LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1657/LTC1657L
The q denotes specifications which apply over the full operating
temperature range TA = TMIN to TMAX. VCC = 5V (LTC1657), VCC = 3V (LTC1657L), unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC1657
LTC1657L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Digital I/O
VIH
Digital Input High Voltage
q
2.4
2.0
V
VIL
Digital Input Low Voltage
q
0.8
0.6
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
±10
µA
CIN
Digital Input Capacitance
(Note 7)
q
10
10
pF
Switching Characteristics
tCS
CS (MSB or LSB) Pulse Width
q
40
60
ns
tWR
WR Pulse Width
q
40
60
ns
tCWS
CS to WR Setup
q
00
ns
tCWH
CS to WR Hold
q
00
ns
tDWS
Data Valid to WR Setup
q
40
60
ns
tDWH
Data Valid to WR Hold
q
00
ns
tLDAC
LDAC Pulse Width
q
40
60
ns
tCLR
CLR Pulse Width
q
40
60
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: External reference REFHI = 2.2V. VCC = 5V (LTC1657).
External reference REFHI = 1.3V. VCC = 3V (LTC1657L).
Note 3: Nonlinearity is defined from code 128 to code 65535 (full scale).
See Applications Information.
Note 4: Digital inputs at 0V or VCC.
Note 5: DAC switched between all 1s and all 0s. VFS = 4.096V.
Note 6: D0 to D15 toggle between all 0s and all 1s with REFHI = 0V,
CSMSB = CSLSB = WR = LDAC = High
Note 7: Guaranteed by design. Not subject to test.
Note 8: DAC inputs all 1s.
Note 9: X1/X2 tied to GND, the voltage noise will be a factor of 2 greater.
Note 10: Using 2.048V (1.25V) external reference with 3nV/
√Hz noise at
1kHz for LTC1657/(LTC1657L).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com