Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology LTC1696 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC1696
7
1696fb
For more information www.linear.com/LTC1696
PIN FUNCTIONS
FB1(Pin1):FirstFeedbackInput.FB1monitorsandsenses
the first supply output voltage through an external resistor
divider. This voltage is then compared with an internal
reference voltage of 0.88V, which sets the threshold for
anovervoltagefaultdetection.Ifthesensevoltageexceeds
the threshold level, the output response time at the OUT
pin is dependent on the feedback overdrive above the
threshold level. The higher the feedback overdrive, the
faster will be the response time.
GND (Pin 2): Power Ground. Return path for all device
currents.
VCC(Pin3):PowerSupply.Thepinisconnectedseparately
from the power supply output that the chip is monitoring.
Its input range is from 2.7V to 27V. The quiescent current
is typically 100µA in standby mode when the device is
operating at 5V. The quiescent current increases to 170µA
when operating at 12V.
OUT (Pin 4): Output Current Limit Driver. Capable of deliv-
eringcontinuouscurrent,typically80mA,athighsupplies.
The output current decreases with lower supply voltage.
This pin directly drives the SCR crowbar at high supply
voltage. It can also provide gate drive for an N-channel
MOSFET or the base of an NPN transistor, which drives
the gate of an external SCR at low supply voltage. It is
normally in the inactive low state in the standby mode. In
the event of an overvoltage fault condition, the OUT pin is
latched into the active high state. The latched active high
state is reset by pulling the TIMER/RESET pin low through
an N-channel MOSFET switch or if the supply voltage at
theVCCpingoesbelowtheundervoltagelockoutthreshold
voltage of 1.94V.
FB2 (Pin 5): Second Feedback Input. FB2 monitors and
senses the second supply output voltage through an
external resistor divider. This voltage is then compared
with an internal reference voltage of 0.88V, which sets the
threshold for an overvoltage fault detection. If the sense
voltage exceeds the threshold level, the output response
time at the OUT pin is dependent on the feedback over-
drive above the threshold level. The higher the feedback
overdrive, the faster will be the response time.
TIMER/RESET (Pin 6): Glitch Filter Timer Capacitor,
Reset and External Trigger Input. The external capacitor
connected to this pin programs the internal glitch filter
time delay. The internal current source used to charge the
timer capacitor is typically 10µA with feedback overdrive
of less than 20mV above the feedback trip threshold from
one feedback input. The current source increases to 12µA
when the feedback overdrive increases to more than
100mV. It further increases to 18µA if larger overdrive
occurs from both feedback inputs. The default glitch filter
time delay without an external timer capacitor is fixed by
an internal capacitor of 5pF with the internal reference
voltage of 1.185V. The delay reduces with increases in
first and second feedback input overdrive. This pin also
serves as a reset input to clear the internal latch during
an overvoltage fault condition. If pulled low, it resets the
active high state of the internal latch. The reset signal to
this pin should be an open drain type. This pin can also be
driven high externally to activate the OUT pin active high
if the FB1 and FB2 voltages remain below the feedback
trip threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com