Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology LTC1696 Datasheet HTML 11Page - Linear Technology LTC1696 Datasheet HTML 12Page - Linear Technology LTC1696 Datasheet HTML 13Page - Linear Technology LTC1696 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC1696
14
1696fb
For more information www.linear.com/LTC1696
LINEAR TECHNOLOGY CORPORATION 2001
LT 1214 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC1696
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC3890
60V, Low IQ, Dual 2-Phase Synchronous Step-Down DC/DC
Controller
Phase-Lockable Fixed Frequency 50kHz to 900kHz
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50μA
LTC3855
Dual, Multiphase, Synchronous Step-Down DC/DC Controller
with Diff Amp and DCR Temperature Compensation
PLL Fixed Frequency 250kHz to 770kHz,
4.5V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12V
LTC3861
Dual, Multiphase, Synchronous Step-Down Controller with Diff
Amp and Tri-State Output Drive
Operates with Power Blocks, DR MOS Devices or External MOSFETs,
3V≤ VIN ≤ 24V, Up to 2.25MHz Operating Frequency
LTC3875
Dual, 2-Phase, Synchronous Current Mode Controller with Low
Value DCR Sensing and Temperature Compensation
PLL Fixed Frequency 250kHz to 720kHz, 4.5V≤ VIN ≤ 38V
0.6V ≤ VOUT ≤ 5V, 4mm x 4mm QFN-24, TSSOP-24E
LTC3866
Sub Milli Ohm Current Mode Synchronous Step-Down
Controller with Remote Sense
PLL Fixed Frequency 250kHz to 750kHz, 4V≤ VIN ≤ 38V
0.6V ≤ VOUT ≤ 5V, 6mm x 6mm QFN-40
LTC3765/
LTC3766
Forward No Opto Synchronous Controller Chip Set
with Active Clamp Reset
Direct Flux Limit, Supports Self Starting Secondary Forward Control
LTC3722/
LTC3722-2
Synchronous Full Bridge Controllers
Adaptive or Manual Delay Control for Zero Voltage Switching,
Adjustable Synchronous Rectification Timing
External Triggering
The LTC1696 has a feature which allows the output to
be latched into an active high state by pulling the TIMER/
RESET pin high even if both the feedback voltages at the
FB1 and FB2 pins are below the trip threshold of the in-
ternal comparator. The output is then reset by pulling the
TIMER/RESET pin low. Figure 4 shows a circuit that uses
the external triggering function of the LTC1696
C1
1nF
6
5
4
1696 F04
1
2
3
LTC1696
RESET
5V
1.8V
Q2
2N7002
TRIGGER
Q3
2N7002
D1
1N4148
FB1
GND
VCC
FB2
OUT
TIMER/
RESET
R1
44.2k
1%
1.5V
VCC
3.3V
R2
38.3k
1%
R3
44.2k
1%
R5
6.8k
5%
Q1
2N7002
N-CHANNEL
×2
PRIMARY
INPUT
SUPPLY
R4
54.9k
1%
C2
0.1µF
POWER MANAGEMENT
CONTOLLER
Figure 4. External Triggering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com