Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 2 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC1696
2
1696fb
For more information www.linear.com/LTC1696
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................28V
Input Voltage
FB1, FB2 ............................................... –0.3V to 17V
TIMER/RESET........................................ –0.3V to 17V
Operating Junction Temperature Range (Note 2)
LTC1696E........................................... –40°C to 125°C
LTC1696I............................................ –40°C to 125°C
LTC1696H .......................................... –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
Operating Range
●
2.7
27
V
IVCC
Standby Supply Current
FB1, FB2 < VFB
●
170
540
µA
Active Supply Current
FB1, FB2 > VFB, COUT = 1000pF
●
1.1
3.5
mA
VFB
FB1, FB2 Feedback Threshold
Voltage Going Positive TA ≥ 0°C and TA ≤ 85°C
TA ≥ 0°C and TA ≤ 125°C
TA ≥ 0°C and TA ≤ 150°C
TA < 0°C
●
●
●
●
0.862
0.858
0.853
0.853
0.880
0.880
0.880
0.880
0.898
0.898
0.898
0.907
V
V
V
V
IFB
FB1, FB2 Input Current
●
–1
–0.05
µA
VFBHST
FB1, FB2 Feedback Hysteresis
High-to-Low Transition
12
mV
VLKO
VCC Undervoltage Lockout
Low-to-High Transition
High-to-Low Transition
FB1, FB2 > VFB
●
●
1.75
1.64
2.05
1.94
2.35
2.24
V
V
VLKH
VCC Undervoltage Lockout Hysteresis
FB1, FB2 > VFB
110
mV
VRST
TIMER/RESET Reset Low Threshold
FB1, FB2 > VFB
●
0.78
0.865
0.95
V
VTIM
TIMER/RESET Timer High Threshold
FB1, FB2 > VFB,
TA ≤ 85°C
TA ≤ 125°C
TA ≤ 150°C
●
●
●
1.11
1.08
1.07
1.185
1.185
1.185
1.26
1.26
1.26
V
V
V
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. 2.7V ≤ VCC ≤ 27V (Notes 2, 3, 4) unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1696ES6#PBF
LTC1696ES6#TRPBF
LTLT
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC1696IS6#PBF
LTC1696IS6#TRPBF
LTLT
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC1696HS6#PBF
LTC1696HS6#TRPBF
LTLT
6-Lead Plastic TSOT-23
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
FB1 1
GND 2
VCC 3
6
5 FB2
4 OUT
TOP VIEW
TIMER/
RESET
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com