Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 5 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC1696
5
1696fb
For more information www.linear.com/LTC1696
TYPICAL PERFORMANCE CHARACTERISTICS
TIMER Current vs Temperature
TIMER Current
vs Feedback Overdrive
Glitch Filter Timer
vs Feedback Overdrive
Glitch Filter Timer
vs Feedback Overdrive
External Trigger Threshold
Voltage vs Supply Voltage
External Trigger Threshold
Voltage vs Temperature
RESET Threshold Voltage
vs Supply Voltage
TEMPERATURE (°C)
–50
12
14
16
18
150
1696 G10
10
8
0
50
100
–25
25
75
125
22
20
VCC = 12V
FB1 + FB2 OVERDRIVE 200mV
FB1 OR FB2 OVERDRIVE 200mV
FEEDBACK OVERDRIVE (mV)
0
12
16
20
200
1696 G11
8
4
0
50
100
150
250
VCC = 12V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
4
6
8
10
12
14
16
50
100
150
200
1696 G12
250
VCC = 3.3V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
15
20
25
200
1696 G13
10
5
0
50
100
150
250
VCC = 3.3V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
0
5
10
15
20
25
30
50
100
150
200
1696 G14
250
VCC = 12V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
SUPPLY VOLTAGE (V)
0
1.51
1.50
1.49
1.48
1.47
1.46
1.45
1.44
15
25
1696 G15
5
10
20
30
TA = 25°C
TEMPERATURE (°C)
–50
1.48
1.485
1.49
1.495
150
1696 G16
1.475
0
50
100
–25
25
75
125
1.505
1.5
VCC = 12V
SUPPLY VOLTAGE (V)
0
0.858
0.860
0.862
15
25
1696 G17
0.856
0.854
0.852
5
10
20
0.864
0.866
0.868
30
TA = 25°C
RESET Threshold Voltage
vs Temperature
TEMPERATURE (°C)
–50
0.855
0.86
0.865
0.87
150
1696 G18
0.85
0.845
0.84
0
50
100
–25
25
75
125
0.88
0.875
VCC = 12V
TIMER Current
vs Feedback Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com