Electronic Components Datasheet Search
  English  ▼

X  

AN1447 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1447
Description  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1447 Datasheet HTML 13Page - STMicroelectronics AN1447 Datasheet HTML 14Page - STMicroelectronics AN1447 Datasheet HTML 15Page - STMicroelectronics AN1447 Datasheet HTML 16Page - STMicroelectronics AN1447 Datasheet HTML 17Page - STMicroelectronics AN1447 Datasheet HTML 18Page - STMicroelectronics AN1447 Datasheet HTML 19Page - STMicroelectronics AN1447 Datasheet HTML 20Page - STMicroelectronics AN1447 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
LCD_drv.st6
;
*********************************************************
;*
(C) 2001 STMicroelectronics
*
;* Project
: 8*4 segment LCD software driver
*
;* Toolchain : ST6 toolchain for RIDE V 1.0.C
*
;* Target
: in theory, any ST62
*
;* Module
: LCD_drv.st6
*
;* Version
: V 0.1.2 - June 2001
*
;* Author
: T.B. Hong Kong Application
*
;
*********************************************************
;* Software LCD driver library:
*
;*
- public and local variables
*
;*
- constant tables
*
;*
- driver subroutines
*
;
*********************************************************
$INCLUDE (LCD_drv.inc)
; Software LCD driver
;*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*
; *-*-*-*-*- I/O configuration equates *-*-*-*-
;*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*
; --- Port allocation ---
EXTERN DATA (DDR_com, DR_com, OR_com)
; LCD commons
EXTERN DATA (DDR_seg, DR_seg, OR_seg)
; LCD segments
EXTERN DATA (DR_com_2, DR_seg_2)
; LCD shadow registers
; --- Pin allocation ---
COM_MASK
EQU
0f0h
SEG_MASK
EQU
000h
SEG_SEL
EQU
0ffh
MIN0_SEL
EQU
003h
MIN1_SEL
EQU
00ch
HR0_SEL
EQU
030h
HR1_SEL
EQU
0c0h
ICON0_SEG
EQU
1
ICON1_SEG
EQU
3
ICON2_SEG
EQU
5
ICON3_SEG
EQU
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com