Electronic Components Datasheet Search
  English  ▼

X  

AN1447 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1447
Description  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1447 Datasheet HTML 15Page - STMicroelectronics AN1447 Datasheet HTML 16Page - STMicroelectronics AN1447 Datasheet HTML 17Page - STMicroelectronics AN1447 Datasheet HTML 18Page - STMicroelectronics AN1447 Datasheet HTML 19Page - STMicroelectronics AN1447 Datasheet HTML 20Page - STMicroelectronics AN1447 Datasheet HTML 21Page - STMicroelectronics AN1447 Datasheet HTML 22Page - STMicroelectronics AN1447 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
;*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*
; *-*-*-*-*-*-* Constant tables *-*-*-*-*-*-*-*
;*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*
; Table of common I/Os configuration for commons waveform
Com_table
SEGMENT CODE INWINDOW
RSEG Com_table
; phase |
0
1
2
3
4
5
6
7
;-----------------------------------------------------------------------
; COM0 |
Vdd
Vdd/2
Vdd/2 Vdd/2
0
Vdd/2
Vdd/2 Vdd/2
; COM1 |
Vdd/2
Vdd
Vdd/2 Vdd/2
Vdd/2
0
Vdd/2 Vdd/2
; COM2 |
Vdd/2 Vdd/2
Vdd
Vdd/2
Vdd/2
Vdd/2
0
Vdd/2
; COM3 |
Vdd/2 Vdd/2
Vdd/2
Vdd
Vdd/2
Vdd/2
Vdd/2
0
wave_ddr:
DB
001h,002h,004h,008h,001h,002h,004h,008h
wave_dr:
DB
00fh,00fh,00fh,00fh,00eh,00dh,00bh,007h
wave_or:
DB
001h,002h,004h,008h,001h,002h,004h,008h
; Table of segment outputs to display a specific character
Seg_table
SEGMENT CODE INWINDOW
RSEG Seg_table
charac:
DB
0aah,000h,055h,000h
; display 0
DB
0ffh,0aah,0ffh,0aah
; display 1
DB
0aah,055h,0aah,000h
; display 2
DB
0aah,0aah,0aah,000h
; display 3
DB
0ffh,0aah,000h,0aah
; display 4
DB
0aah,0aah,000h,055h
; display 5
DB
0aah,000h,000h,055h
; display 6
DB
0ffh,0aah,0ffh,000h
; display 7
DB
0aah,000h,000h,000h
; display 8
DB
0aah,0aah,000h,000h
; display 9
DB
0ffh,000h,000h,0aah
; display H
DB
0ffh,0ffh,0aah,0ffh
; display -
DB
0aah,055h,055h,0aah
; display L
DB
0ffh,055h,000h,000h
; display P
DB
0aah,055h,000h,055h
; display E
DB
0ffh,0ffh,0ffh,0ffh
; display ’Blank’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com