Electronic Components Datasheet Search
  English  ▼

X  

AN1636 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 3Page - STMicroelectronics AN1636 Datasheet HTML 4Page - STMicroelectronics AN1636 Datasheet HTML 5Page - STMicroelectronics AN1636 Datasheet HTML 6Page - STMicroelectronics AN1636 Datasheet HTML 7Page - STMicroelectronics AN1636 Datasheet HTML 8Page - STMicroelectronics AN1636 Datasheet HTML 9Page - STMicroelectronics AN1636 Datasheet HTML 10Page - STMicroelectronics AN1636 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
Figure 3. Electrical diagram of typical ADC application
Configuring the analog pin
Choose any I/O port that has analog input capability (AIN alternate function) and configure it
as floating input. You can do this by writing ‘0’ in the DDR and OR register bits of the corre-
sponding port. At reset, most of the ST7 IOs are configured by default as floating input.
The pin should NOT be configured as floating input with pull-up. This configuration reduces
the ADC accuracy. The reason being the potential divider formed between the pull-up resist-
ance and RADC. Also some current flows from VDD to the analog source. This current is drawn
from the VDD supply. Also there is a potential divider formed between VDD, RPU and RAIN,
where RAIN is the series impedance of the voltage source.
Figure 4. Analog input with pull-up
Configuring the analog input as floating input with pull-up ( instead of floating input ) will cause
more current to be drawn from the VDD supply.There is also an affect on the accuracy of the
ADC and the digital output converted by ADC may not be accurate.
AINx
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
VAIN
RAIN
10-Bit A/D
Conversion
RADC
CAIN
\/\/\/\/\/\/
CADC
RADC
VSSA (Analog Ground)
VDD
RPU
NOT RECOMMENDED
VIN
Current
from VDD
RPU should not be enabled.
\/\/\/\/\/
RAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com