Electronic Components Datasheet Search
  English  ▼

X  

AN1636 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 28Page - STMicroelectronics AN1636 Datasheet HTML 29Page - STMicroelectronics AN1636 Datasheet HTML 30Page - STMicroelectronics AN1636 Datasheet HTML 31Page - STMicroelectronics AN1636 Datasheet HTML 32Page - STMicroelectronics AN1636 Datasheet HTML 33Page - STMicroelectronics AN1636 Datasheet HTML 34Page - STMicroelectronics AN1636 Datasheet HTML 35Page - STMicroelectronics AN1636 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
ED= (5.12mV/4.88mV) LSB
ED= 1.04 LSB
Here we assume that any voltage greater than 1.010 V will not result in the digital code equal
to CDh.
When the step width is less than 1LSB, DLE will be negative.
5.4 INTEGRAL LINEARITY ERROR
Integral Linearity Error is maximum deviation between any actual transition and the endpoint
correlation line. ILE is represented as EL.
The endpoint correlation line can be defined as the line on the A/D transfer curve that con-
nects the first actual transition and last actual transition. ILE is the deviation from this line for
each transition. The endpoint correlation line thus corresponds to the actual transfer curve and
has no relation to the ideal transfer curve.
ILE is also known as INL, Integral Non linearity Error. ILE is the integral of DLE over the full
range.
Figure 30. Integral error representation
Example:
If we get the first transition from 0 to 1 at 10mV ( offset error ) and we get the last transition
(3FE to 3FF) at 4.990V (gain error) then the line on transfer curve connecting the actual digital
code 1 and the actual digital code 3FF will be the endpoint correlation line.
VIN
VSSA
1
Digital
output
(Decimal
steps)
EL = Integral linearity error
transfer curve
Actual
EL
Endpoint correlation
Line
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com