Electronic Components Datasheet Search
  English  ▼

X  

AN1636 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 24Page - STMicroelectronics AN1636 Datasheet HTML 25Page - STMicroelectronics AN1636 Datasheet HTML 26Page - STMicroelectronics AN1636 Datasheet HTML 27Page - STMicroelectronics AN1636 Datasheet HTML 28Page - STMicroelectronics AN1636 Datasheet HTML 29Page - STMicroelectronics AN1636 Datasheet HTML 30Page - STMicroelectronics AN1636 Datasheet HTML 31Page - STMicroelectronics AN1636 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
5.1 OFFSET ERROR
This is defined as the deviation between the first actual transition and the first ideal transition.
The first transition is when the digital output of ADC changes from 0 to 1. In an ideal case we
should get a digital output of 1, when the analog input is between 0.5 LSB to 1.5LSB. The first
transition in an ideal case will be at 0.5 LSB. Offset error is represented as EO.
Example 1:
In a 10-bit ADC, ideally 2.44mV (0.5 LSB = 0.5 * 4.88mV) input should generate a corre-
sponding digital output of 1. But in practice the ADC may still show the reading as 0. If we get
a digital output of 1 from an analog input of 10mV, then:
Offset error = Actual transition - Ideal transition
EO = 10mV - 2.44mV = 7.56 mV
EO = 7.56mV / 4.88 mV = 1.54 LSB
When an analog input voltage of greater than 0.5LSB generates the first transition, then the
offset error will be positive.
Figure 25. Positive offset error representation
When the analog input voltage VIN = VSSA and the ADC generates a non-zero digital output
then the offset error will be negative. This will mean that theoretically (or by Extrapolation) a
negative voltage will generate the first transition. As specified in the datasheet, any voltage
less than VSSA will cause the digital output to be 0.
VIN
1
Digital
output
(Decimal
steps)
Ideal
transfer curve
EO = Offset error (positive)
Actual
transfer curve
EO
0.5LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com