Electronic Components Datasheet Search
  English  ▼

X  

AN1636 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 31Page - STMicroelectronics AN1636 Datasheet HTML 32Page - STMicroelectronics AN1636 Datasheet HTML 33Page - STMicroelectronics AN1636 Datasheet HTML 34Page - STMicroelectronics AN1636 Datasheet HTML 35Page - STMicroelectronics AN1636 Datasheet HTML 36Page - STMicroelectronics AN1636 Datasheet HTML 37Page - STMicroelectronics AN1636 Datasheet HTML 38Page - STMicroelectronics AN1636 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
It is recommended to separate the analog and digital circuitry on the PCB. They should be
placed in different parts of the PCB. This also avoids tracks crossing each other. The tracks
carrying digital signals may introduce high frequency noise in analog signals because of cou-
pling. The digital signals produce high frequency noise because of fast switching.
Coupling of the capacitive nature is formed because of the metal connections (tracks) sepa-
rated by the dielectric provided by the PCB base (glass, ceramic or plastic).
It is recommended to use different planes for analog and digital ground. If there is a lot of an-
alog circuitry then an analog ground plane is recommended. Analog ground must be placed
below the analog circuitry.
Figure 32. Separating the analog and digital layouts
2. Separate power supplies for analog and digital circuits
It is desirable to have separate analog and digital power supplies in cases where there is a lot
of analog and digital circuits external to the microcontroller. Depending on the microcontroller
package, different analog and digital power supply and ground pins are available. Internally
VAREF and VDD pins are not connected except for protection through Schottky diodes. These
pins can be powered from separate power supplies.
In low pin-count packages, separate analog and digital supply and ground pins may not be
available. In this case they are internally shorted. So VDDA and VDD are internally connected
in packages which have fewer pins.
As mentioned earlier, if you use a switching type power supply for the digital circuitry, you
should use a separate linear supply for the analog circuit.
Also, if you expect a lot of noise on the DC power supply due to I/O switching etc, a separate
supply for the analog section is preferable.
Analog circuitry
Digital
Circuitry
Micro
Controller
Analog
Ground
Digital
Ground
(Noisy and noise
Generating)
(affected by noise)
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com