Electronic Components Datasheet Search
  English  ▼

X  

AN2038 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2038
Description  I2C emulation with ST7MC in slave mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2038 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2038 Datasheet HTML 1Page - STMicroelectronics AN2038 Datasheet HTML 2Page - STMicroelectronics AN2038 Datasheet HTML 3Page - STMicroelectronics AN2038 Datasheet HTML 4Page - STMicroelectronics AN2038 Datasheet HTML 5Page - STMicroelectronics AN2038 Datasheet HTML 6Page - STMicroelectronics AN2038 Datasheet HTML 7Page - STMicroelectronics AN2038 Datasheet HTML 8Page - STMicroelectronics AN2038 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
I2C emulation
AN2038
4/23
A HIGH to LOW transition on the SDA line while SCL is HIGH indicates a START condition.
A LOW to HIGH transition on the SDA line while SCL is HIGH indicates a STOP condition
(see Figure 3). START and STOP conditions are always generated by the master. The bus is
considered to be busy after the START condition. The bus is considered to be free again
after the STOP condition.
Figure 3.
Start/Stop condition
Every byte put on the SDA line must be 8 bits long. The number of bytes that can be
transmitted per transfer is unrestricted. Each byte has to be followed by an acknowledge bit.
Data is transferred with the most significant bit (MSB) first (see Figure 4).
Figure 4.
Data Transfer
The acknowledge clock pulse is generated by the master. The transmitter releases the SDA
line (HIGH) during the acknowledge clock pulse and the receiver must pull down the SDA
line during the acknowledge clock pulse so that it remains stable LOW during the HIGH
period of this clock pulse.
Data transfers follow the format shown in Figure 5: after the START condition (S), a slave
address is sent. This address is 7 bits long followed by an eighth bit which is a data direction
bit (R/W) - a 'zero' indicates a transmission (WRITE), a 'one' indicates a request for data
(READ). A data transfer is always terminated by a STOP condition (P) generated by the
master.
Stop
Start
SCL
SDA
12
7
8
12
7
8
MSB
LSB
MSB
LSB
Start
Stop
ACK
ACK
SDA
SCL
First byte
Second byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com