Electronic Components Datasheet Search
  English  ▼

X  

LTC3535 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3535
8
3535fa
BLOCK DIAGRAM
10
Σ
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK1
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
–
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF1
4M
SHDN1
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN1
2
1
SW1
VOUT
L1
4.7µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT1
12
13
GND
3535 BD
6
GND
3
FB1
R2
COUT1
10µF
VOUT1
1.5V
TO 5.25V
R1
11
CIN
2.2µF
VIN1
0.8V
TO 5V
Σ
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK2
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
+
–
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF2
4M
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN2
4
VOUT2
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT2
9
FB2
R4
COUT2
10µF
VOUT2
1.5V
TO 5.25V
R3
8
CIN2
2.2µF
VIN2
0.8V
TO 5V
+
–
SHDN2
7
VIN2
5
SW2
L2
4.7µH
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com