Electronic Components Datasheet Search
  English  ▼

X  

LTC3535 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology LTC3535 Datasheet HTML 13Page - Linear Technology LTC3535 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3535
10
3535fa
the test mode being engaged. Refer to Figure 1 for two
possible implementations.
independent of input or output voltage, unless VOUT falls
below 0.7V, in which case the current limit is cut in half.
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 30mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ring circuit connects a resistor across the in-
ductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. Although
the ringing of the resonant circuit formed by L and CSW
(capacitance on SW pin) is low energy, it can cause EMI
radiation.
Output Disconnect
The LTC3535 is designed to allow true output disconnect
by eliminating body diode conduction of the internal
P-channel MOSFET rectifier. This allows for VOUT to go
to zero volts during shutdown, drawing no current from
the input source. It also allows for inrush current limiting
at turn-on, minimizing surge currents seen by the input
supply. Note that to obtain the advantages of output dis-
connect, there must not be an external Schottky diode
connected between SW and VOUT. The output disconnect
feature also allows VOUT to be pulled high, without any
reverse current into a battery connected to VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3535 will
go into thermal shutdown. All switches will be off and
the soft-start capacitor will be discharged. The device
will be enabled again when the die temperature drops by
about 15°C.
OPERATION (Refer to Block Diagram)
3535 F01
1M
R
R > (VCNTRL/VIN + 0.4) – 1)M
4M
±30%
LTC3535
SHDN
VCNTRL
VCNTRL
1M
ZETEX
ZC2811E
4M
±30%
LTC3535
SHDN
VIN
Figure 1. Recommended Shutdown Circuits When
Driving SHDN Above VIN
Error Amplifier
The positive input of the transconductance error amplifier
is internally connected to the 1.195V reference and the
negative input is connected to FB. Clamps limit the mini-
mumandmaximumerrorampoutputvoltageforimproved
large-signal transient response. Power converter control
loop compensation is provided internally. An external
resistive voltage divider from VOUT to ground programs
the output voltage via FB from 1.5V to 5.25V.
VV
R
R
OUT =+


1 195
1
2
1
.•
Current Sensing
Losslesscurrentsensingconvertsthepeakcurrentsignalof
theN-channelMOSFETswitchintoavoltagethatissummed
with the internal slope compensation. The summed signal
is compared to the error amplifier output to provide a peak
current control command for the PWM.
Current Limit
The current limit comparator shuts off the N-channel
MOSFET switch once its threshold is reached. The cur-
rent limit comparator delay to output is typically 60ns.
Peak switch current is limited to approximately 750mA,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com