Electronic Components Datasheet Search
  English  ▼

X  

LTC3535 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology LTC3535 Datasheet HTML 13Page - Linear Technology LTC3535 Datasheet HTML 14Page - Linear Technology LTC3535 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3535
11
3535fa
Burst Mode OPERATION
Each channel of the LTC3535 will enter Burst Mode
operationatlightloadcurrentandreturntofixedfrequency
PWM mode when the load increases. Refer to the Typical
Performance Characteristics to see the output load Burst
Mode threshold current vs VIN. The load current at which
Burst Mode operation is entered can be changed by
adjusting the inductor value. Raising the inductor value
will lower the load current at which Burst Mode operation
is entered.
In Burst Mode operation, the LTC3535 still switches at a
fixed frequency of 1MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient when
switching between modes. In Burst Mode operation,
energy is delivered to the output until it reaches the
nominal regulation value, then the LTC3535 transitions
to sleep mode where the outputs are off and the LTC3535
consumes only 9µA of quiescent current from VOUT for
each channel. When the output voltage droops slightly,
switching resumes. This maximizes efficiency at very light
loadsbyminimizingswitchingandquiescentlosses.Burst
Mode output voltage ripple, which is typically 1% peak-to-
peak, can be reduced by using more output capacitance
(10µF or greater), or with a small capacitor (10pF to 50pF)
connected between VOUT and FB.
As the load current increases, the LTC3535 will automati-
cally leave Burst Mode operation. Note that larger output
capacitor values may cause this transition to occur at
lighter loads. Once the LTC3535 has left Burst Mode op-
eration and returned to normal operation, it will remain
there until the output load is reduced below the burst
threshold current.
Burst Mode operation is inhibited during start-up and
soft-start and until VOUT is at least 0.24V greater than VIN.
Note that each channel can enter or leave Burst Mode
operation independent of the other channel.
OPERATION (Refer to Block Diagram)
APPLICATIONS INFORMATION
VIN > VOUT OPERATION
The LTC3535 will maintain voltage regulation even when
the input voltage is above the desired output voltage. Note
that the efficiency is much lower in this mode, and the
maximum output current capability will be less. Refer to
the Typical Performance Characteristics.
SHORT-CIRCUIT PROTECTION
The LTC3535 output disconnect feature allows output
short circuit while maintaining a maximum internally set
current limit. To reduce power dissipation under short-
circuit conditions, the peak switch current limit is reduced
to 400mA (typical per channel).
SCHOTTKY DIODE
Althoughnotrecommended,addingaSchottkydiodefrom
SW to VOUT will improve efficiency by about 2%. Note
that this defeats the output disconnect and short-circuit
protection features.
PCB LAYOUT GUIDELINES
The high speed operation of the LTC3535 demands careful
attention to board layout. A careless layout will result in
reduced performance. Figure 2 shows the recommended
component placement. A large ground pin copper area
will help to lower the die temperature. A multilayer board
with a separate ground plane is ideal, but not absolutely
necessary.
Figure 2. Recommended Component Placement
VIN2
VIN1
VOUT2
VOUT1
GND
GND
SHDN
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com