Electronic Components Datasheet Search
  English  ▼

X  

LTC3535 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology LTC3535 Datasheet HTML 13Page - Linear Technology LTC3535 Datasheet HTML 14Page - Linear Technology LTC3535 Datasheet HTML 15Page - Linear Technology LTC3535 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3535
12
3535fa
APPLICATIONS INFORMATION
COMPONENT SELECTION
Inductor Selection
The LTC3535 can utilize small surface mount chip induc-
tors due to their fast 1MHz switching frequency. Inductor
values between 3.3µH and 6.8µH are suitable for most
applications.Largervaluesofinductancewillallowslightly
greater output current capability (and lower the Burst
Mode threshold) by reducing the inductor ripple current.
Increasing the inductance above 10µH will increase com-
ponent size while providing little improvement in output
current capability.
The minimum inductance value is given by:
L
VV
V
RippleV
IN MIN
OUT MAXINMIN
OUT
>
()
()
()
()
(
•–
•
M
MAX)
where:
Ripple = Allowable inductor current ripple (amps peak-
peak)
VIN(MIN) = Minimum input voltage
VOUT(MAX) = Maximum output voltage
The inductor current ripple is typically set for 20% to
40% of the maximum inductor current. High frequency
ferritecoreinductormaterialsreducefrequencydependent
power losses compared to cheaper powdered iron types,
improving efficiency. The inductor should have low ESR
(seriesresistanceofthewindings)toreducetheI2Rpower
losses, and must be able to support the peak inductor
current without saturating. Molded chokes and some chip
inductorsusuallydonothaveenoughcoreareatosupport
the peak inductor current of 750mA seen on the LTC3535.
To minimize radiated noise, use a shielded inductor. See
Table 1 for suggested components and suppliers.
Table 1. Recommended Inductors
VENDOR
PART/STYLE
Coilcraft
(847) 639-6400
www.coilcraft.com
LPO4815
LPS4012, LPS4018
MSS5131
MSS4020
MOS6020
ME3220
DS1605, DO1608
Coiltronics
www.cooperet.com
SD10, SD12, SD14, SD18, SD20,
SD52, SD3114, SD3118
FDK
(408) 432-8331
www.fdk.com
MIP3226D4R7M, MIP3226D3R3M
MIPF2520D4R7
MIPWT3226D3R0
Murata
(714) 852-2001
www.murata.com
LQH43C
LQH32C (-53 series)
301015
Sumida
(847) 956-0666
www.sumida.com
CDRH5D18
CDRH2D14
CDRH3D16
CDRH3D11
CR43
CMD4D06-4R7MC
CMD4D06-3R3MC
Taiyo-Yuden
www.t-yuden.com
NP03SB
NR3015T
NR3012T
TDK
(847) 803-6100
www.component.tdk.com
VLP
VLF, VLCF
Toko
(408) 432-8282
www.tokoam.com
D412C
D518LC
D52LC
D62LCB
Wurth
(201) 785-8800
www.we-online.com
WE-TPC type S, M
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com