Electronic Components Datasheet Search
  English  ▼

X  

AN2389 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2389 Datasheet HTML 4Page - STMicroelectronics AN2389 Datasheet HTML 5Page - STMicroelectronics AN2389 Datasheet HTML 6Page - STMicroelectronics AN2389 Datasheet HTML 7Page - STMicroelectronics AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics AN2389 Datasheet HTML 10Page - STMicroelectronics AN2389 Datasheet HTML 11Page - STMicroelectronics AN2389 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Selection of components
AN2389
8/16
3
Selection of components
The inductor and capacitor can be selected using the formulae given below.
3.1
Inductor selection
The minimum value of the inductor can be selected by choosing the maximum of the values
given by the following two formulae:
Here Vsat1 and Vsat2 are the saturation voltages of the two switches SW1 and SW2.
Iout and Vout are the maximum output current and voltage respectively.
Vd1 and Vd2 is the drop across diodes d1 and d2.
The duty cycles of the PWM signals driving SW1 and SW2 are D1 and D2 respectively.
3.2
Capacitor selection
The minimum of the capacitor value can be selected by using the following formula ,
assuming a variation in Vout of 1% or less
In practice, we take inductor and capacitor values that are larger than the values calculated
using the above formulae.
T * [ ( Vin - Vsat1) * D1 - Vsat2 * D2 - Vout * (D1 - D2)]
Lmin =
2 * Iout
T * [ Vd1 + Vout] * ( 1 - D1)
Lmin =
2 * Iout
100 * Iout * (1 - D1) * T
Cmin =
Vout
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com