Electronic Components Datasheet Search
  English  ▼

X  

AN2389 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2389 Datasheet HTML 1Page - STMicroelectronics AN2389 Datasheet HTML 2Page - STMicroelectronics AN2389 Datasheet HTML 3Page - STMicroelectronics AN2389 Datasheet HTML 4Page - STMicroelectronics AN2389 Datasheet HTML 5Page - STMicroelectronics AN2389 Datasheet HTML 6Page - STMicroelectronics AN2389 Datasheet HTML 7Page - STMicroelectronics AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Theory of operation
AN2389
4/16
2
Theory of operation
You can use this converter as buck-boost converter, as a buck converter or as a boost
converter by selecting different combinations of switches SW1 and SW2 driven by the
PWM1 and PWM2 signals output by the ST7 microcontroller.
2.1
Buck-boost implementation
This converter can be used as a non inverting buck-boost converter by selecting the
operating mode from Table 1 which briefly describes the converter modes.
.
If we look at phase 2 in Table 1, here the switch SW1(PWM1) is OFF and switch SW2
(PWM2) is ON. This condition never occurs either in a buck converter or in boost converter.
So you should always take care in your software that this condition must not happen. To
avoid this, if we assume that initially both switches are in OFF condition then you should use
the following guidelines to manage the PWM signals driving the two switches.
1.
Keep the frequency of both PWM signals the same, to better control when
synchronizing the two PWM signals using the next three guidelines.
2.
The duty cycle D1 of control signal PWM1, must be greater than the duty cycle D2 of
control signal PWM2.
3.
PWM1 should be enabled before the PWM2 signal.
4.
PWM1 should be disabled after the PWM2 signal.
Table 1.
Operating modes based on switch combinations
Phase
SW1 (PWM1)
SW2 (PWM2)
Operating modes
1OFF
OFF
BUCK
2OFF
ON
N/A
3ON
OFF
BUCK-BOOST
4ON
ON
BOOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com