Electronic Components Datasheet Search
  English  ▼

X  

AN2389 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2389 Datasheet HTML 5Page - STMicroelectronics AN2389 Datasheet HTML 6Page - STMicroelectronics AN2389 Datasheet HTML 7Page - STMicroelectronics AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics AN2389 Datasheet HTML 10Page - STMicroelectronics AN2389 Datasheet HTML 11Page - STMicroelectronics AN2389 Datasheet HTML 12Page - STMicroelectronics AN2389 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN2389
Application in battery charger
9/16
4
Application in battery charger
We can use the modified non-inverting buck-boost converter in a combination of different
modes as required by the application.
4.1
Theory of operation
The DC-DC converter uses a combination of buck-boost converter and boost converter
mode to charge the Li-ion battery. In case of Li-ion, the constant current constant voltage
(CC CV) charging algorithm is used to charge the battery. Here we have chosen the input
voltage just enough to show the functionality of the converter in buck-boost mode and boost
mode.
Initially the converter works in Buck-Boost converter mode to charge the battery in constant
current mode by keeping the duty cycle of PWM2 constant and varying the duty cycle of
PWM1. As soon as there is an overflow condition for the duty cycle of PWM1. The converter
switches from buck-boost converter mode to boost converter mode. And then duty cycle of
PWM2 is varied to follow the algorithm while SW1 remains in ON condition. Following
section shows the software flow chart for this combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com