Electronic Components Datasheet Search
  English  ▼

X  

AN2389 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2389
Description  An MCU-based low cost non-inverting buck-boost converter for battery chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2389 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2389 Datasheet HTML 7Page - STMicroelectronics AN2389 Datasheet HTML 8Page - STMicroelectronics AN2389 Datasheet HTML 9Page - STMicroelectronics AN2389 Datasheet HTML 10Page - STMicroelectronics AN2389 Datasheet HTML 11Page - STMicroelectronics AN2389 Datasheet HTML 12Page - STMicroelectronics AN2389 Datasheet HTML 13Page - STMicroelectronics AN2389 Datasheet HTML 14Page - STMicroelectronics AN2389 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AN2389
Test environment and results
11/16
5
Test environment and results
We used this buck-boost converter in the universal battery charger evaluation board
described in AN2390. Figure 6 below shows the general battery charger circuit using the
non-inverting buck-boost converter circuit mentioned in this application note. For simplicity,
this figure does not show all the connections.
Figure 6.
General circuit-based battery charger
Here some results are shown for charging the Li-ion battery using this converter in buck-
boost mode. The above charger is is intended for charging a single Li-ion or two NiMH in
series using a 5V supply input. Details on the implementation are given in AN2390 where
you can find results for NiMH batteries as well as for a charger used simply in buck
converter mode.
Some parameter values are as follows:
Vin = 5V, Iin (MAX) = 2A, Vsat1 = Vsat2 = 0.3V, Vd1 = Vd2 = 0.5V. and PWM frequency for both
PWM1 and PWM2 = 16KHz.
Also let’s say the maximum value of Vout = 5.5V and Iout = 1.2A and the maximum duty cycle
of D1 is 95% and D2 is equal to 30%.
Then using the formulas given in Section 3:
Lmin = 21 uH (from equation 1) or 10 uH (from equation 2). So we should choose a value
larger than 21 uH.
Cmin = 70uF (from equation 3). So we need to choose a value higher than 70 uF.
In this example, L = 75 uH, C = 470 uF are taken, which are larger than the values
calculated using the formulas hence will support the application.
The following table shows some of the readings taken for different values of the duty cycles
D1 and D2.
PWM1
PWM2
VOUT
C
d1
P-
P+
L
d2
VIN
SW2
SW1
VBAT
IBAT
RS
Sense resistor
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com