Electronic Components Datasheet Search
  English  ▼

X  

AN2400 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2400
Description  Audio player evaluation board based on ST7Lite
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2400 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2400 Datasheet HTML 5Page - STMicroelectronics AN2400 Datasheet HTML 6Page - STMicroelectronics AN2400 Datasheet HTML 7Page - STMicroelectronics AN2400 Datasheet HTML 8Page - STMicroelectronics AN2400 Datasheet HTML 9Page - STMicroelectronics AN2400 Datasheet HTML 10Page - STMicroelectronics AN2400 Datasheet HTML 11Page - STMicroelectronics AN2400 Datasheet HTML 12Page - STMicroelectronics AN2400 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN2400
Filter design
9/23
4
Filter design
Here, a 6th-order low pass filter is used. A low pass filter passes all the signals below the
cutoff frequency and attenuates the signal above cutoff frequency. The reason behind using
a sixth order filter is to have a steeper slope and therefore a better frequency response. It is
created by cascading six first-order low pass filters as shown in figure below:
Figure 8.
Sixth order low pass RC-filter
Calculating resistance of low pass filter:
The value of C is taken as 0.01 µf and the cutoff frequency fC is 8kHz.
Cutoff frequency:
fC = 1 / (2 π RC)
so:
R = 1 / (2
π C f
C)
= 1 / (2
π (.01 µF) (8 kHz) )
= 1990
Ω
R = 1.9 k
Ω
1.9 k
Ω is not a standard value, so 1.8 kΩ is used.
RR
R
R
R
R
CC
C
C
C
C
Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com