Electronic Components Datasheet Search
  English  ▼

X  

AN2400 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2400
Description  Audio player evaluation board based on ST7Lite
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2400 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2400 Datasheet HTML 1Page - STMicroelectronics AN2400 Datasheet HTML 2Page - STMicroelectronics AN2400 Datasheet HTML 3Page - STMicroelectronics AN2400 Datasheet HTML 4Page - STMicroelectronics AN2400 Datasheet HTML 5Page - STMicroelectronics AN2400 Datasheet HTML 6Page - STMicroelectronics AN2400 Datasheet HTML 7Page - STMicroelectronics AN2400 Datasheet HTML 8Page - STMicroelectronics AN2400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN2400
Audio player evaluation board concept
5/23
2
Audio player evaluation board concept
2.1
Audio recording
A PC is used to prepare audio to be programmed onto the external serial Flash. The file
must contain audio data as well as some basic file management structure to allow the ST7
to pick the correct audio during playback.
The serial Flash is used to store the audio files in binary format. For this purpose, it is
necessary to have the audio files in .wav format which allows them to be converted to a .bin
file to be programmed into the serial Flash.
For conversion to binary, the .wav files should have an 8 kHz sampling frequency and 8-bit
quantization format. These files are input into the provided WAV Converter utility to generate
a single .bin file.
Figure 3.
Sound recording flow
Once this process is completed, the board is ready to play customized sounds provided by
the user.
A sound is selected using the Index push-button, and then heard by pressing the Play
button.
WAV
BIN
011011011
001010101
Recording process: Can be done on a standard PC, in a recording studio, or just some existing audio samples
Original Sound
Sampling
Quantifying
PC Processing: Convert the .WAV files into a propriety binary file used to reprogram the onboard serial Flash
WAV
WAV
WAV File Storage
Conversion to Binary File
Burn binary file to M25P
Serial Flash Memory
Standard
8kHz/8-bit
.WAV files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com