Electronic Components Datasheet Search
  English  ▼

X  

AN2400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2400
Description  Audio player evaluation board based on ST7Lite
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2400 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2400 Datasheet HTML 1Page - STMicroelectronics AN2400 Datasheet HTML 2Page - STMicroelectronics AN2400 Datasheet HTML 3Page - STMicroelectronics AN2400 Datasheet HTML 4Page - STMicroelectronics AN2400 Datasheet HTML 5Page - STMicroelectronics AN2400 Datasheet HTML 6Page - STMicroelectronics AN2400 Datasheet HTML 7Page - STMicroelectronics AN2400 Datasheet HTML 8Page - STMicroelectronics AN2400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AN2400
Audio player evaluation board overview
3/23
1
Audio player evaluation board overview
This evaluation board includes the following main components:
●
8-bit microcontroller: ST7FLITES2. However, the ST7Flite02 can also be used.
●
An external 8 MBit Serial Flash, M25P80 family
●
External components to build a low cost passive filter.
●
An audio amplifier (TDA7233)
●
3.3V low-cost voltage regulator
Figure 1.
Audio player evaluation board block diagram
The main features of the evaluation board are as follows:
●
Plays pre-recorded audio clips stored on an ST 8-Mbit serial Flash
●
Can play up to 15 different audio files
●
Easy to use Index and Play push-buttons
●
Power input 6V DC
●
Phone-quality sound: 8 kHz/8 bit
1.1
Instructions for use
Assuming the external Flash is already programmed with sounds, you need to:
1.
Power-on the board
2.
Connect the board to the speaker
3.
Select the desired sound by pressing the Index button. The File Index indicates the
sound to be played with the help of 4 LEDs.
4.
Push the Play Sound button.
5.
Adjust the volume potentiometer to your convenience.
ST7Lite02
DIP16
6th order
RC filter
Volume
Control
Power
Amplifier
External
Speaker
Connection
SPI
ZIF
Socket
Binary LED display
Power
Supply Circuit
External
Input
File Index
Play
Reset
TDA
7233
Voltage
Regulator
Serial
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com