Electronic Components Datasheet Search
  English  ▼

X  

AN2430 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2430
Description  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 8Page - STMicroelectronics AN2430 Datasheet HTML 9Page - STMicroelectronics AN2430 Datasheet HTML 10Page - STMicroelectronics AN2430 Datasheet HTML 11Page - STMicroelectronics AN2430 Datasheet HTML 12Page - STMicroelectronics AN2430 Datasheet HTML 13Page - STMicroelectronics AN2430 Datasheet HTML 14Page - STMicroelectronics AN2430 Datasheet HTML 15Page - STMicroelectronics AN2430 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
General description
AN2430
12/24
1.4.6
Write Protection command
Description:
This command allows the user to permanently enable the write protection for one, many or
all Flash sectors.
When the bootloader receives the write protection command, it transmits the ACK byte to
the user.
After the transmission of the ACK byte, the bootloader waits for the number of bytes to be
received (sectors to be protected) and then receives from the user the Flash sectors codes.
Finally, at the end of the command, the bootloader transmits the ACK byte if the write
protection is enabled successfully otherwise a NACK byte (0x3F) is returned and the
command is exited.
The write protection command procedure is as follows:
1.
Receive one byte which contains the number (N) of sectors to be write protected. Here,
N can be a value from 0 to 9,
2.
Receive (N + 1) bytes, each byte contains a sector code. Refer to Table 3 on page 10
for the STR75x sector codes.
Figure 6.
Write protection command flowchart
Start PR
Protection error?
No
Send ACK byte
Send ACK byte
Receive the number of sectors
End of PR
Send NACK byte
to be write protected (1 byte)
Receive the sectors codes
Protect the correspondent sectors
Received byte
== 0x63?
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com