Electronic Components Datasheet Search
  English  ▼

X  

AN2430 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2430
Description  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 13Page - STMicroelectronics AN2430 Datasheet HTML 14Page - STMicroelectronics AN2430 Datasheet HTML 15Page - STMicroelectronics AN2430 Datasheet HTML 16Page - STMicroelectronics AN2430 Datasheet HTML 17Page - STMicroelectronics AN2430 Datasheet HTML 18Page - STMicroelectronics AN2430 Datasheet HTML 19Page - STMicroelectronics AN2430 Datasheet HTML 20Page - STMicroelectronics AN2430 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN2430
General description
17/24
1.5
Exiting SystemMemory boot mode
SystemMemory boot mode must be exited in order to execute a program in a normal User
mode. The STR75x may exit this mode by applying a hardware Reset. At the time of Reset,
the BOOT pins (BOOT0 and BOOT1) must be set at the proper levels to enter the desired
user mode. Following the Reset, the STR75x CPU begins executing code from location
0x00000000.
Table 4.
Mode Pin vs. memory mapping
1.6
SystemMemory code program flow
Figure 11.
SystemMemory code program flow
BOOT1
BOOT0
Boot Mode
Aliasing
Note
0
0
Embedded Flash
Embedded Flash sector
B0F0 mapped at 0h
All FLASH sectors
accessible except
SystemMemory sector
1
0
Embedded SRAM
Embedded SRAM mapped
at 0h
-
0
1
SystemMemory
SystemMemory mapped at
0h
-
1
1
External SMI
SMI bank 0 mapped at 0h
-
Start
Falling Edge on
UART0 Rx?
No
Start Timer Base
No
Stop Timer Base
Initialize UART0
Send Acknowledge
Wait for a command
Done
Falling Edge on
UART0 Rx ?
Clear the bit 22 of
the Flash Control
Register (Remap)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com