Electronic Components Datasheet Search
  English  ▼

X  

AN2430 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2430
Description  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 16Page - STMicroelectronics AN2430 Datasheet HTML 17Page - STMicroelectronics AN2430 Datasheet HTML 18Page - STMicroelectronics AN2430 Datasheet HTML 19Page - STMicroelectronics AN2430 Datasheet HTML 20Page - STMicroelectronics AN2430 Datasheet HTML 21Page - STMicroelectronics AN2430 Datasheet HTML 22Page - STMicroelectronics AN2430 Datasheet HTML 23Page - STMicroelectronics AN2430 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
UART SystemMemory boot mode
AN2430
20/24
Baud Rate of 1220 at Fcpu = 10MHz. The lowest standard Baud Rate for this case would be
2400. Baud rates below BLow would cause TB to overflow. If this occurs, it would not be
possible to properly initialize the UART0.
2.2.2
The maximum baud rate
BHigh is the highest baud rate in which the deviation still does not exceed the limit. All baud
rates between BLow and BHigh are below the deviation limit.
Using the minimum TB_CNT value of 1in the equations above we end up with a maximum
Baud Rate of 125000 at Fcpu = 2MHz. The highest standard Baud Rate for this case would
be 115000.
2.2.3
Higher baud rate deviations
A baud rate may be used as long as the actual deviation does not exceed the limit. Certain
lower baud rates may violate the deviation limit, while an even higher baud rates stays very
well below it. This relationship depends on the host interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com