Electronic Components Datasheet Search
  English  ▼

X  

AN2430 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2430
Description  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 10Page - STMicroelectronics AN2430 Datasheet HTML 11Page - STMicroelectronics AN2430 Datasheet HTML 12Page - STMicroelectronics AN2430 Datasheet HTML 13Page - STMicroelectronics AN2430 Datasheet HTML 14Page - STMicroelectronics AN2430 Datasheet HTML 15Page - STMicroelectronics AN2430 Datasheet HTML 16Page - STMicroelectronics AN2430 Datasheet HTML 17Page - STMicroelectronics AN2430 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
General description
AN2430
14/24
1.4.8
Readout Permanent Protect command
Description:
This command allows the user to permanently enable the readout protection for the entire
Flash.
When the bootloader receives the Readout Permanent Protect command, it transmits to the
user the ACK byte.
After the transmission of the ACK byte, the bootloader permanently enables the readout
protection for the entire Flash.
Finally, at the end of the command, the bootloader transmits the ACK byte if the readout
protection is completed successfully otherwise a NACK byte (0x3F) is returned to the user
and the command is exited.
Note:
When the readout protection is enabled only the following commands are available:
–
The Get Command,
–
The Readout Temporary Unprotect command,
–
The Readout Permanent Unprotect command.
When the readout protection is enabled, in order to boot from the SystemMemory it is
mandatory to reset to ground the pin NJRST.
Figure 8.
Readout permanent protect command flowchart
Start ROP_PRM
Received byte
No
== 0x82?
Send ACK byte
Permanently Enable the Readout
Send ACK byte
End of ROP_PRM
Protection error?
Send NACK byte
protection for the entire Flash
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com