Electronic Components Datasheet Search
  English  ▼

X  

UPD6462GS Datasheet(PDF) 53 Page - NEC

Part # UPD6462GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6462GS Datasheet(HTML) 53 Page - NEC

Back Button UPD6462GS Datasheet HTML 49Page - NEC UPD6462GS Datasheet HTML 50Page - NEC UPD6462GS Datasheet HTML 51Page - NEC UPD6462GS Datasheet HTML 52Page - NEC UPD6462GS Datasheet HTML 53Page - NEC UPD6462GS Datasheet HTML 54Page - NEC UPD6462GS Datasheet HTML 55Page - NEC UPD6462GS Datasheet HTML 56Page - NEC UPD6462GS Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
53
µPD6461, 6462
CHARACTER AND BLK SIGNAL OUTPUT
Character and BLK signals are output in synchronization with the falling edges of the dot clock.
CDL
DTW
CUS
CDS
50 %
50 %
90 %
10 %
Dot clock
Character signal
BLK signal
OUTPUT TIMINGS (TA = –20 to +75˚C, pins: VR, VG, VB, VBLK, VC1, BLK1, VC2, BLK2, (RBLK, GBLK, BBLK))
Pins in parentheses are selected by specifying a mask option.
Note
Min.: (1/fOSC) – 5 ns, Max.: (1/fOSC) + 5 ns
fOSC: Frequency of LC oscillation or external input clock.
TIMING FOR CONTINUOUS COMMAND INPUT
When inputting commands continuously, the following timing requirements must be observed:
(TA = –20 to +75˚C, VDD = 2.7 to 5.5 V)
fOSC: Frequency of LC oscillation or external input clock (MHz), S: Character size (single (minimum) or double), tHWL: Hsync width.
Commands other than VRAM write commands may not comply with T2 provided the control clock cycle satisfies the specifications.
T1
T2
Hi-Z
Hi-Z
DATA
CLK
Hi-Z
Parameter
Continuous command input timing 1
Continuous command input timing 2
Conditions
For all commands
For VRAM write
commands
Min.
2.0
2
µs + (21/fOSC)
× S +tHWL
2
µs + (12/fOSC)
× S
Typ.
Max.
Unit
µs
µs
µs
Symbol
T1
T2
When display is
turned on
When display is
turned off
Parameter
Output delay of character/BLK signal
Output delay of character/BLK signal
Rise time of character/BLK signal
Rise time of character/BLK signal
Fall time of character/BLK signal
Fall time of character/BLK signal
Time equivalent to minimum dot
Time equivalent to minimum dot
Conditions
VDD = 4.5 to 5.5 V, output load capacity = 10 pF
VDD = 2.7 to 3.3 V, output load capacity = 10 pF
VDD = 4.5 to 5.5 V, output load capacity = 10 pF
VDD = 2.7 to 3.3 V, output load capacity = 10 pF
VDD = 4.5 to 5.5 V, output load capacity = 10 pF
VDD = 2.7 to 3.3 V, output load capacity = 10 pF
VDD = 4.5 to 5.5 V, output load capacity = 10 pF
VDD = 2.7 to 3.3 V, output load capacity = 10 pF
Min.
10
15
2
4
2
4
Typ.
18
35
Max.
30
80
10
25
10
25
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
CDL
CDL
CUS
CUS
CDS
CDS
DTW
DTW
(1 /Oscillation
frequency)
±5Note
(1 /Oscillation
frequency)
±5Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com