Electronic Components Datasheet Search
  English  ▼

X  

UPD6462GS Datasheet(PDF) 54 Page - NEC

Part # UPD6462GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6462GS Datasheet(HTML) 54 Page - NEC

Back Button UPD6462GS Datasheet HTML 50Page - NEC UPD6462GS Datasheet HTML 51Page - NEC UPD6462GS Datasheet HTML 52Page - NEC UPD6462GS Datasheet HTML 53Page - NEC UPD6462GS Datasheet HTML 54Page - NEC UPD6462GS Datasheet HTML 55Page - NEC UPD6462GS Datasheet HTML 56Page - NEC UPD6462GS Datasheet HTML 57Page - NEC UPD6462GS Datasheet HTML 58Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
54
µPD6461, 6462
7. APPLICATION CIRCUIT EXAMPLE
CLK
CS
DATA
PCL
VDD
CKOUT
OSCOUT
OSCIN
TEST
GND
Hsync
Vsync
VB
VG
VR
VBLK
VC2
BLK2
VC1
BLK1
Note 4(BBLK)
Note 4(GBLK)
Note 4(RBLK)
PD6461GS/GT, PD6462GS
µ
20 (24)
19 (23)
18 (21)
17 (20)
16 (19)
15 (18)
14 (17)
13 (16)
12 (15)
11 (14)
Output
Inputs a negative Hsync,
Vsync signal
1 (1)
2 (2)
3 (4)
4 (5)
5 (6)
6 (7)
7(8)Note 3
8(9) Note 3
9(10)
10(11)
Connected to microcontroller
VDD
10 F
µ
100 k
Ω
10 F
µ
Note 1
0.01 F
µ
+
+
Note 2
33 F
µ
5 to 30 pF
30 pF
LC module
pin No. 1
LC module
pin No. 3
µ
Notes 1.
CR constant must be satisfied with Power-ON Clear Specification (refer to 6. ELECTRICAL
CHARACTERISTICS).
2.
This circuit can reduce the number of external components and facilitates the adjustment of oscillation
frequency, using LC module (part number: Q285NCIS-11181, manufactured by Toko, Inc.)
3.
Connect these pins as follows when inputting external clock:
OSCIN pin: external clock input, OSCOUT pin: open
4.
Signals in ( ) are set by a mask option (RGB + RGB compatible blanking).
Remarks 1. The number in the parentheses indicates the pin number of the
µPD6461GT-xxx.
2. With the
µPD6461GT-xxx, influence by noise via lead frame can be surpressed by connecting the
N.C. pins (3, 12, 13, 22) to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com