Electronic Components Datasheet Search
  English  ▼

X  

LT1203 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1203
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1203 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1203 Datasheet HTML 8Page - Linear Technology LT1203 Datasheet HTML 9Page - Linear Technology LT1203 Datasheet HTML 10Page - Linear Technology LT1203 Datasheet HTML 11Page - Linear Technology LT1203 Datasheet HTML 12Page - Linear Technology LT1203 Datasheet HTML 13Page - Linear Technology LT1203 Datasheet HTML 14Page - Linear Technology LT1203 Datasheet HTML 15Page - Linear Technology LT1203 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1203/LT1205
+1
+1
+1
+1
U1
LT1205
16
9
10
11
12
13
14
15
C2
0.1
µF
1
R1
75
Ω
C1
0.1
µF
8
7
6
5
4
3
2
+1
+1
+1
+1
U2
LT1205
16
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
10
9
8
4
11
OUTPUT 2
J7
+1
+1
+1
+1
U3
LT1205
16
U5
74HC04
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
+1
+1
+1
U4
LT1205
16
9
A
LT1203/05 • F06
10
11
12
13
14
15
1
8
CH3
J4
CH0
J1
7
6
5
4
3
2
R2
75
Ω
CH1
J2
R3
75
Ω
CH2
J3
GND
B
5V
–5V
R13
820
Ω
R14
820
Ω
C6
4.7
µF
R19
75
Ω
C5
4.7
µF
R7
10k
–
+
R4
75
Ω
C4
0.1
µF
SELECT LOGIC
OUTPUT 0
AB
SELECT LOGIC
OUTPUT 1
AB
SELECT LOGIC
OUTPUT 2
AB
SELECT LOGIC
OUTPUT 3
C3
0.1
µF
+1
A
L
L
H
H
B
L
H
L
H
CH0
CH1
CH2
CH3
SELECT LOGIC
TRUTH TABLE
INPUT
CHANNEL
U6 C
LT1254
12
13
14
OUTPUT 3
J8
R15
820
Ω
R16
820
Ω
R20
75
Ω
R8
10k
–
+
U6 D
LT1254
5
6
7
OUTPUT 1
J6
R11
820
Ω
R12
820
Ω
R18
75
Ω
R6
10k
–
+
U6 B
LT1254
3
2
1
OUTPUT 0
J5
R9
820
Ω
R10
820
Ω
R17
75
Ω
–
+
U6 A
LT1254
+
R5
10k
Figure 6. 4
× 4 Crosspoint and Truth Table
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com