Electronic Components Datasheet Search
  English  ▼

X  

LT1203 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1203
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1203 Datasheet(HTML) 3 Page - Linear Technology

  LT1203 Datasheet HTML 1Page - Linear Technology LT1203 Datasheet HTML 2Page - Linear Technology LT1203 Datasheet HTML 3Page - Linear Technology LT1203 Datasheet HTML 4Page - Linear Technology LT1203 Datasheet HTML 5Page - Linear Technology LT1203 Datasheet HTML 6Page - Linear Technology LT1203 Datasheet HTML 7Page - Linear Technology LT1203 Datasheet HTML 8Page - Linear Technology LT1203 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1203/LT1205
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate (Note 6)
180
300
V/
µs
FPBW
Full Power Bandwidth (Note 7)
VOUT = 2VP-P
28.6
47.7
MHz
tSEL
Channel-to-Channel Select Time (Note 8) RL = 10k
25
35
ns
Enable Time (Note 9)
RL = 1k
25
35
ns
Disable Time (Note 9)
RL = 1k
20
35
ns
tr, tf
Small-Signal Rise and Fall Time
VOUT = 250mVP-P, 10% to 90%
2.6
ns
Propagation Delay
VOUT = 250mVP-P
2.9
ns
Overshoot
VOUT = 250mVP-P
5%
Crosstalk (Note 10)
RS = 10Ω
90
dB
Chip Disabled Crosstalk (Note 10)
RL = 10Ω, EN Pin Voltage ≤ 0.8V
110
dB
Channel Select Output Transient
All VIN = 0V
50
mVP-P
tS
Settling Time
1%, VOUT = 1V
30
ns
Differential Gain (Note 11)
VS = ±15V, RL = 10k
0.02
%
Differential Phase (Note 11)
VS = ±15V, RL = 10k
0.02
DEG
Insertion Loss
RL = 100k, CL = 30pF, VOUT = 500mVP-P, f = 1MHz
0.02
dB
ELECTRICAL C
C
HARA TERISTICS
0
°C ≤ TA ≤ 70°C, ±5V ≤ VS ≤ ±15V, RL = 1k, pulse tested, EN pin open or high, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
VS = ±15V, VIN = ±2V, RL = 400Ω
q
±1.8
±1.90
V
VS = ±5V, VIN = ±2V, RL = 1k
q
±1.8
±1.94
V
Overload Swing (Note 1)
VS = ±15V, VIN = ±5V
q
±0.9
±1.5
V
VS = ±5V, VIN = ±5V
q
±0.9
±1.5
V
IOUT
Output Current
VS = ±15V, VIN = ±2V, RL = 400Ω
q
±4.5
±4.75
mA
VS = ±5V, VIN = ±2V, RL = 1k
q
±1.8
±2.00
mA
ROUT
Enabled Output Resistance
EN Pin Voltage = 2V, VOUT = ±2V, VS = ±15V
q
20
42
Ω
Disabled Output Resistance
EN Pin Voltage = 0.5V, VOUT = ±2V, VS = ±15V
q
110
M
Ω
IS
Supply Current (LT1203)
EN Pin Voltage = 2V
q
10.0
14
mA
EN Pin Voltage = 0.5V
q
5.8
8
mA
Supply Current (LT1205)
EN Pin Voltage = 2V
q
20.0
28
mA
EN Pin Voltage = 0.5V
q
11.6
16
mA
VIL
Logic Low
Logic Pin
q
0.8
V
VIH
Logic High
Logic Pin
q
2V
Enable Low
EN Pin
q
0.5
V
Enable High
EN Pin
q
2V
IIL
Digital Input Current Low
LT1203 Pin 5, LT1205 Pins 9, 13 = 0V
q
1.5
6.5
µA
IIH
Digital Input Current High
LT1203 Pin 5, LT1205 Pins 9, 13 = 5V
q
10
200
nA
IEN
Enable Pin Current
LT1203 Pin 6, LT1205 Pins 10, 14
q
20
80
µA
CC
HARA TERISTICS
AC
TA = 25°C, VS = ±15V, RL = 1k, EN pin open or high, unless otherwise noted.
The q denotes specifications which apply over the specified
temperature range.
Note 1: The analog inputs (pins 1, 3 for the LT1203, pins 1, 3, 5, 7 for the
LT1205) are protected against ESD and overvoltage with internal SCRs.
For inputs
≤±2.8V the SCR will not fire. Voltages above 2.8V will fire the
SCR and the DC current should be limited to 20mA. To turn off the SCR
the pin voltage must be reduced to less than 1V or the current reduced to
less than 600
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com