Electronic Components Datasheet Search
  English  ▼

X  

LT1203 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1203
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1203 Datasheet(HTML) 2 Page - Linear Technology

  LT1203 Datasheet HTML 1Page - Linear Technology LT1203 Datasheet HTML 2Page - Linear Technology LT1203 Datasheet HTML 3Page - Linear Technology LT1203 Datasheet HTML 4Page - Linear Technology LT1203 Datasheet HTML 5Page - Linear Technology LT1203 Datasheet HTML 6Page - Linear Technology LT1203 Datasheet HTML 7Page - Linear Technology LT1203 Datasheet HTML 8Page - Linear Technology LT1203 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1203/LT1205
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ......................................................
±18V
Signal Input Current (Note 1) ............................
±20mA
Logic Input Current (Note 2)..............................
±50mA
Output Short-Circuit Duration (Note 3) ........ Continuous
Specified Temperature Range (Note 4) ....... 0
°C to 70°C
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 5) ............................ 150
°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
ORDER PART
NUMBER
LT1203CN8*
LT1203CS8*
S8 PART MARKING
1203
*See Note 4
Consult factory for Industrial and Military grade parts.
ORDER PART
NUMBER
LT1205CS*
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VINO
GND
VIN1
V –
VIN2
GND
VIN3
V–
V+
VOUT1
EN1
LOGIC 1
V+
VOUT2
EN2
LOGIC 2
1
2
3
4
8
7
6
5
TOP VIEW
VIN0
GND
VIN1
V–
V+
VOUT
EN
LOGIC
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Output Offset Voltage
Any Input Selected
q
10
30
mV
Output Offset Matching
Between Outputs
q
0.3
5
mV
∆VOS/∆T
Output Offset Drift
q
40
µV/°C
IIN
Input Current
q
0.6
5
µA
RIN
Input Resistance
VS = ±5V, VIN = ±2V
q
15
M
Ω
VS = ±15V, VIN = ±2V
q
25
M
Ω
CIN
Input Capacitance
Input Selected
2.6
pF
Input Deselected
2.6
pF
COUT
Disabled Output Capacitance
EN Pin Voltage
≤ 0.8V
2.8
pF
VIN
Input Voltage (Note 1)
VS = ±5V
q
±2
±2.8
V
VS = ±15V
q
±2
±3.0
V
PSRR
Power Supply Rejection Ratio
VS = ±4.5 to ±15V
q
60
70
dB
Gain Error
VS = ±15V, VIN = ±2V, RL = 1k
q
24
%
VS = ±15V, VIN = ±2V, RL = 400Ω
q
610
%
VS = ±5V, VIN = ±2V, RL = 1k
q
36
%
ELECTRICAL C
C
HARA TERISTICS
0
°C ≤ TA ≤ 70°C, ±5V ≤ VS ≤ ±15V, RL = 1k, pulse tested, EN pin open or high, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com