Electronic Components Datasheet Search
  English  ▼

X  

LT1203 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1203
Description  150MHz Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1203 Datasheet(HTML) 4 Page - Linear Technology

  LT1203 Datasheet HTML 1Page - Linear Technology LT1203 Datasheet HTML 2Page - Linear Technology LT1203 Datasheet HTML 3Page - Linear Technology LT1203 Datasheet HTML 4Page - Linear Technology LT1203 Datasheet HTML 5Page - Linear Technology LT1203 Datasheet HTML 6Page - Linear Technology LT1203 Datasheet HTML 7Page - Linear Technology LT1203 Datasheet HTML 8Page - Linear Technology LT1203 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1203/LT1205
Note 2: The digital inputs (pins 5, 6 for the LT1203, pins 9, 10, 13, 14 for
the LT1205) are protected against ESD and overvoltage with internal
SCRs. For inputs
≤±6V the SCR will not fire. Voltages above 6V will fire
the SCR and the DC current should be limited to 50mA. To turn off the
SCR the pin voltage must be reduced to less than 2V or the current
reduced to less than 10mA.
Note 3: A heat sink may be required depending on the power supply
voltage.
Note 4: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor guaranteed
beyond 0
°C to 70°C. Industrial grade parts specified and tested over
–40
°C to 85°C are available on special request, consult factory.
Note 5: TJ is calculated from the ambient temperature TA and the power
dissipation PD according to the following formulas:
LT1203CN8: TJ = TA + (PD × 100°C/W)
LT1203CS8: TJ = TA + (PD × 150°C/W)
LT1205CS: TJ = TA + (PD × 100°C/W)
Note 6: Slew rate is measured at
±2.0V on a ±2.5V output signal while
operating on
±15V supplies, RL = 1k.
Note 7: Full power bandwidth is calculated from the slew rate
measurement:
FPBW = SR/2
πVPEAK
Note 8: For the LT1203, apply 1VDC to pin 1 and measure the time for the
appearance of 0.5V at pin 7 when pin 5 goes from 5V to 0V. Apply 1VDC
to pin 1 and measure the time for disappearance of 0.5V at pin 7 when
pin 5 goes from 0V to 5V. Apply 1VDC to pin 3 and measure the time for
the appearance of 0.5V at pin 7 when pin 5 goes from 0V to 5V. Apply
1VDC to pin 3 and measure the time for disappearance of 0.5V at pin 7
when pin 5 goes from 5V to 0V. For the LT1205 the same test is
performed on both MUXs.
Note 9: For the LT1203, apply 1VDC to pin 1 and measure the time for the
appearance of 0.5V at pin 7 when pin 6 goes from 0V to 5V. Pin 5 voltage
= 0V. Apply 1VDC to pin 1 and measure the time for disappearance of 0.2V
at pin 7 when pin 6 goes from 5V to 0V. Pin 5 voltage = 0V. Apply 1VDC
to pin 3 and measure the time for the appearance of 0.5V at pin 7 when
pin 6 goes from 0V to 5V. Pin 5 voltage = 5V. Apply 1VDC to pin 3 and
measure the time for disappearance of 0.2V at pin 7 when pin 5 goes from
5V to 0V. Pin 5 voltage = 5V. For the LT1205 the same test is performed
on both MUXs.
Note 10: VIN = 0dBm (0.223VRMS) at 10MHz on one input with the other
input selected and RS = 10Ω. For disable crosstalk all inputs are driven
simultaneously. In disable the output impedance is very high and signal
couples across the package; the load impedance determines the crosstalk.
Note 11: Differential gain and phase are measured using a Tektronix
TSG120 YC/NTSC signal generator and a Tektronix 1780R video
measurement set. The resolution of this equipment is 0.1% and 0.1
°.
Ten identical MUXs were cascaded giving an effective resolution of
0.01% and 0.01
°.
TYPICAL PERFOR A CE CHARACTERISTICS
LOGIC
EN
VOUT
01
VIN0
11
VIN1
0
0*
HIGH ZOUT
1
0
HIGH ZOUT
*Must be
≤0.5V
TRUTH TABLE
FREQUENCY (MHz)
1
–1
0
1
2
3
10
100
1000
LT1203/05 • TPC02
–2
–3
–4
–5
4
5
–120
–100
–80
–60
–40
–140
–160
–180
–200
–20
0
VS = ±15V
TA = 25°C
RL = ∞
FREQUENCY (MHz)
1
–1
0
1
2
3
10
100
1000
LT1203/05 • TPC01
–2
–3
–4
–5
4
5
–120
–100
–80
–60
–40
–140
–160
–180
–200
–20
0
VS = ±5V
TA = 25°C
RL = ∞
±5V Frequency Response
±15V Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com