Electronic Components Datasheet Search
  English  ▼

X  

LT1208 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1208
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1208 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1208 Datasheet HTML 4Page - Linear Technology LT1208 Datasheet HTML 5Page - Linear Technology LT1208 Datasheet HTML 6Page - Linear Technology LT1208 Datasheet HTML 7Page - Linear Technology LT1208 Datasheet HTML 8Page - Linear Technology LT1208 Datasheet HTML 9Page - Linear Technology LT1208 Datasheet HTML 10Page - Linear Technology LT1208 Datasheet HTML 11Page - Linear Technology LT1208 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1208/LT1209
8
S
APPLICATI
I FOR ATIO
Low Voltage Operation
The LT1208/LT1209 are functional at room temperature
with only 3V of total supply voltage. Under this condition,
however, the undistorted output swing is only 0.8VP-P . A
more realistic condition is operation at
±2.5V supplies (or
5V and ground). Under these conditions, at room tem-
perature, the typical input common-mode range is 1.9V to
–1.3V (for a VOS change of 1mV), and a 5MHz, 2VP-P sine
wave can be faithfully reproduced. With 5V total supply
voltage the gain-bandwidth is reduced to 26MHz and the
slew rate is reduced to 135V/
µs.
Power Dissipation
The LT1208/LT1209 combine high speed and large output
current drive in small packages. Because of the wide
supply voltage range, it is possible to exceed the maxi-
mum junction temperature under certain conditions.
Maximum junction temperature (TJ) is calculated from the
ambient temperature (TA) and power dissipation (PD) as
follows:
LT1208CN8: TJ = TA + (PD × 100°C/W)
LT1208CS8: TJ = TA + (PD × 150°C/W)
LT1209CN:
TJ = TA + (PD × 70°C/W)
LT1209CS:
TJ = TA + (PD × 100°C/W)
Maximum power dissipation occurs at the maximum
supply current and when the output voltage is at 1/2 of
either supply voltage (or the maximum swing if less than
1/2 supply voltage).
For each amplifier PDMAX is as follows:
Example: LT1208 in S8 at 70
°C, VS = ±10V, RL = 500Ω
DAC Current-to-Voltage Converter
The wide bandwidth, high slew rate and fast settling time
of the LT1208/LT1209 make them well-suited for current-
to-voltage conversion after current output D/A converters.
A typical application with a DAC-08 type converter (full-
scale output of 2mA) uses a 5k feedback resistor. A 7pF
compensation capacitor across the feedback resistor is
used to null the pole at the inverting input caused by the
DAC output capacitance. The combination of the LT1208/
LT1209 and DAC settles to less than 40mV (1LSB) in
140ns for a 10V step.
Large-Signal Transient Response
AV = 1
1208/09 AI04
AV = –1
1208/09 AI06
Large-Signal Transient Response
PDMAX = (V
+ – V–)(I
SMAX) +
(0.5V+)
2
RL
PDMAX = (20V)(10.5mA) +
= 260mW
(5V)
2
500
Ω
TJ = 70°C + (2 × 260mW)(150°C/W) = 148°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com