Electronic Components Datasheet Search
  English  ▼

X  

LT1208 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1208
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1208 Datasheet(HTML) 3 Page - Linear Technology

  LT1208 Datasheet HTML 1Page - Linear Technology LT1208 Datasheet HTML 2Page - Linear Technology LT1208 Datasheet HTML 3Page - Linear Technology LT1208 Datasheet HTML 4Page - Linear Technology LT1208 Datasheet HTML 5Page - Linear Technology LT1208 Datasheet HTML 6Page - Linear Technology LT1208 Datasheet HTML 7Page - Linear Technology LT1208 Datasheet HTML 8Page - Linear Technology LT1208 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1208/LT1209
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, TA = 25°C, RL = 1k, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
VCM = ±12V
20
40
M
Ω
Differential
250
k
Ω
CIN
Input Capacitance
2pF
CMRR
Common-Mode Rejection Ratio
VS = ±15V, VCM = ±12V; VS = ±5V,
86
98
dB
VCM = ±2.5V, 0°C to 70°C
q
83
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
76
84
dB
0
°C to 70°C
q
75
dB
Input Voltage Range
VS = ±15V
±12
±13
V
VS = ±5V
±2.5
±3V
AVOL
Large-Signal Voltage Gain
VS = ±15V, VOUT = ±10V, RL = 500Ω
3.3
7
V/mV
0
°C to 70°C
q
2.5
V/mV
VS = ± 5V, VOUT = ±2.5V, RL = 500Ω
2.5
7
V/mV
0
°C to 70°C
q
2.0
V/mV
VS = ± 5V, VOUT = ±2.5V, RL = 150Ω
3
V/mV
VOUT
Output Swing
VS = ±15V, RL = 500Ω, 0°C to 70°C
q
12.0
13.3
±V
VS = ±5V, RL = 150Ω, 0°C to 70°C
q
3.0
3.3
±V
IOUT
Output Current
VS = ±15V, VOUT = ±12V, 0°C to 70°C
q
24
40
mA
VS = ± 5V, VOUT = ± 3V, 0°C to 70°C
q
20
40
mA
SR
Slew Rate
VS = ±15V, AVCL = – 2, (Note 3)
250
400
V/
µs
0
°C to 70°C
q
200
V/
µs
VS = ±5V, AVCL = – 2, (Note 3)
150
250
V/
µs
0
°C to 70°C
q
130
V/
µs
Full Power Bandwidth
10V Peak, (Note 4)
6.4
MHz
GBW
Gain-Bandwidth
VS = ±15V, f = 1MHz
45
MHz
VS = ±5V, f = 1MHz
34
MHz
tr, tf
Rise Time, Fall Time
VS = ±15V, AVCL = 1, 10% to 90%, 0.1V
5
ns
VS = ± 5V, AVCL = 1, 10% to 90%, 0.1V
7
ns
Overshoot
VS = ± 15V, AVCL = 1, 0.1V
30
%
VS = ± 5V, AVCL = 1, 0.1V
20
%
Propagation Delay
VS = ± 15V, 50% VIN to 50%VOUT
5ns
VS = ± 5V, 50% VIN to 50%VOUT
7ns
ts
Settling Time
VS = ± 15V, 10V Step, VS = ±5V,
90
ns
5V Step, 0.1%
Differential Gain
f = 3.58MHz, RL = 150Ω
1.30
%
f = 3.58MHz, RL = 1k
0.09
%
Differential Phase
f = 3.58MHz, RL = 150Ω
1.8
Deg
f = 3.58MHz, RL = 1k
0.1
Deg
RO
Output Resistance
AVCL = 1, f = 1MHz
2.5
Ω
Crosstalk
VOUT = ±10V, RL = 500Ω
–100
– 94
dB
IS
Supply Current
Each Amplifier, VS = ±5V and VS = ±15V
7
9
mA
0
°C to 70°C
q
10.5
mA
Note 3: Slew rate is measured in a gain of –2. For
±15V supplies measure
between
±10V on the output with ±6V on the input. For ±5V supplies
measure between
±2V on the output with ±1.75V on the input.
Note 4: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVP.
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 2: Input offset voltage is tested with automated test equipment and is
exclusive of warm-up drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com