Electronic Components Datasheet Search
  English  ▼

X  

LT1208 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1208
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1208 Datasheet(HTML) 2 Page - Linear Technology

  LT1208 Datasheet HTML 1Page - Linear Technology LT1208 Datasheet HTML 2Page - Linear Technology LT1208 Datasheet HTML 3Page - Linear Technology LT1208 Datasheet HTML 4Page - Linear Technology LT1208 Datasheet HTML 5Page - Linear Technology LT1208 Datasheet HTML 6Page - Linear Technology LT1208 Datasheet HTML 7Page - Linear Technology LT1208 Datasheet HTML 8Page - Linear Technology LT1208 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1208/LT1209
2
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V+ to V–) .............................. 36V
Differential Input Voltage ........................................
±6V
Input Voltage ...........................................................
±VS
Output Short-Circuit Duration (Note 1) ........... Indefinite
Operating Temperature Range
LT1208C/LT1209C .......................... – 40
°C to 85°C
Maximum Junction Temperature
Plastic Package ............................................. 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1208CS8
S8 PART MARKING
1208
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PLASTIC DIP
A
B
TJMAX = 150°C, θJA = 150°C/W
TJMAX = 150°C, θJA = 100°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1209CS
LT1209CN
TJMAX = 150°C, θJA = 100°C/W
TJMAX = 150°C, θJA = 70°C/W
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, TA = 25°C, RL = 1k, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±5V (Note 2)
0.5
3.0
mV
0
°C to 70°C
q
4.0
mV
VS = ±15V (Note 2)
1.0
5.0
mV
0
°C to 70°C
q
6.0
mV
Input VOS Drift
25
µV/°C
IOS
Input Offset Current
VS = ±5V and VS = ±15V
100
400
nA
0
°C to 70°C
q
600
nA
IB
Input Bias Current
VS = ±5V and VS = ±15V
4
8
µA
0
°C to 70°C
q
9
µA
en
Input Noise Voltage
f = 10kHz
22
nV/
√Hz
in
Input Noise Current
f = 10kHz
1.1
pA/
√Hz
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
A
D
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
C
B
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
A
B
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
D
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
C
B
LT1208CN8
CONTACT FACTORY FOR
MILITARY/883B PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com