Electronic Components Datasheet Search
  English  ▼

X  

LT1208 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1208
Description  Dual and Quad 45MHz, 400V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1208 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1208 Datasheet HTML 4Page - Linear Technology LT1208 Datasheet HTML 5Page - Linear Technology LT1208 Datasheet HTML 6Page - Linear Technology LT1208 Datasheet HTML 7Page - Linear Technology LT1208 Datasheet HTML 8Page - Linear Technology LT1208 Datasheet HTML 9Page - Linear Technology LT1208 Datasheet HTML 10Page - Linear Technology LT1208 Datasheet HTML 11Page - Linear Technology LT1208 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1208/LT1209
S
APPLICATI
TYPICAL
1208/09 TA03
+
–
VOUT
R3
1k
R5
220
Ω
VIN
+
–
1/2
LT1208
–
+
R2
1k
R1
10k
R4
10k
AV =
1 +
+
+
= 102
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 430kHz
R4
R3
1
2
R2
R1
R3
R4
R2 + R3
R5
()
1/2
LT1208
Instrumentation Amplifier
Full-Wave Rectifier
DAC Current-to-Voltage Converter
1208/09 TA04
–
+
DAC-08
TYPE
0.1
µF5k
1 LSB SETTLING = 140ns
VOUT
5k
7pF
1/2
LT1208
Cable Driving
1208/09 TA06
R2
1k
IN
V
OUT
V
R1
1k
R3
75
Ω
R4
75
Ω
75
Ω CABLE
1/2
LT1208
+
–
1208/09 TA05
+
–
VOUT
1N4148
500
Ω
VIN
+
–
1/2
LT1208
1k
1N4148
1k
1/2
LT1208
1k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com