Electronic Components Datasheet Search
  English  ▼

X  

LT1361 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1361
Description  Dual and Quad 50MHz, 800V/ms Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1361 Datasheet HTML 4Page - Linear Technology LT1361 Datasheet HTML 5Page - Linear Technology LT1361 Datasheet HTML 6Page - Linear Technology LT1361 Datasheet HTML 7Page - Linear Technology LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology LT1361 Datasheet HTML 10Page - Linear Technology LT1361 Datasheet HTML 11Page - Linear Technology LT1361 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1361/LT1362
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
600
400
200
2000
1800
1600
1400
1200
1000
800
015
10
5
1361/1362 G22
TA = 25°C
AV = –1
RF = RG = 1k
SR =
SR+ + SR –
—————
2
Slew Rate vs Input Level
Slew Rate vs Temperature
TEMPERATURE (
°C)
200
400
300
1000
900
800
500
600
700
– 50
–25
25
100
125
50
75
0
1361/1362 G23
SR + + SR –
SR = —————
2
VS = ±5V
VS = ±15V
AV = –2
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.0001
0.01
100
100k
1361/1362 G25
1k
0.001
10k
AV = –1
AV = 1
TA = 25°C
VO = 3VRMS
RL = 500Ω
FREQUENCY (Hz)
100k
1M
0
30
10M
1361/1362 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 1k
AV = 1, 1% MAX DISTORTION
AV = –1, 2% MAX DISTORTION
Undistorted Output Swing vs
Frequency (
±15V)
Undistorted Output Swing vs
Frequency (
±5V)
FREQUENCY (Hz)
100k
1M
0
10
10M
1361/1362 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 1k
2% MAX DISTORTION
Slew Rate vs Supply Voltage
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
100k 200k
400k
–90
–80
–70
–60
–50
–40
–30
10M
1361/1362 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 500Ω
AV = 2
3RD HARMONIC
2ND HARMONIC
CAPACITIVE LOAD (F)
10p
0
100
1
µ
1361/1362 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
TA = 25°C
VS = ±15V
Capacitive Load Handling
INPUT LEVEL (VP-P)
0
400
600
200
2000
1800
1600
1400
800
1200
1000
0
8
16
20
12
4
210
18
14
6
1361/1362 G24
TA = 25°C
VS = ±15V
AV = –1
RF = RG = 1k
SR =
SR + + SR –
—————
2
Differential Gain and Phase
vs Supply Voltage
SUPPLY VOLTAGE (V)
0.28
0.36
0.32
0.40
0.50
0.25
0
±10
±5
±15
1361/1362 G29
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
AV = 2
RL = 150Ω
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com