Electronic Components Datasheet Search
  English  ▼

X  

LT1361 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1361
Description  Dual and Quad 50MHz, 800V/ms Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1361 Datasheet HTML 4Page - Linear Technology LT1361 Datasheet HTML 5Page - Linear Technology LT1361 Datasheet HTML 6Page - Linear Technology LT1361 Datasheet HTML 7Page - Linear Technology LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology LT1361 Datasheet HTML 10Page - Linear Technology LT1361 Datasheet HTML 11Page - Linear Technology LT1361 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1361/LT1362
13612fa LT/TP 0400 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1994
Dimension in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
TYPICAL APPLICATIONS
Two Op Amp Instrumentation Amplifier
1MHz, 4th Order Butterworth Filter
1361/1362 TA03
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 500kHz
R1
10k
R2
1k
R5
220
Ω
R4
10k
R3
1k
VOUT
+
–
–
+
–
+
1/2
LT1361
1/2
LT1361
GAIN
R
R
R
R
R
R
RR
R
=
+


+


+
+
()
=
4
3
1
1
2
2
1
3
4
23
5
102
1361/1362 TA04
VIN
1.1k
2.21k
22pF
909
Ω
47pF
470pF
VOUT
–
+
–
+
1.1k
2.67k
909
Ω
220pF
1/2
LT1361
1/2
LT1361
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PART NUMBER
DESCRIPTION
COMMENTS
LT1360
50MHz, 800V/
µs Op Amp
Single Version of LT1361/LT1362
LT1364/LT1365
Dual and Quad 70MHz, 1000V/
µs Op Amps
Faster Version of LT1361/LT1362, VOS = 1.5mV, IS = 6.3mA/Amplifier
LT1358/LT1359
Dual and Quad 25MHz, 600V
µs Op Amps
Lower Power Version of LT1361/LT1362, VOS = 0.6mV, IS = 2mA/Amplifier
LT1813
Dual 100MHz, 700V/
µs Op Amps
Low Voltage, Low Power LT1361, IS = 3mA/Amplifier
RELATED PARTS
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S16 1098
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
12
11
10
9
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com