Electronic Components Datasheet Search
  English  ▼

X  

LT1361 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1361
Description  Dual and Quad 50MHz, 800V/ms Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1361 Datasheet HTML 2Page - Linear Technology LT1361 Datasheet HTML 3Page - Linear Technology LT1361 Datasheet HTML 4Page - Linear Technology LT1361 Datasheet HTML 5Page - Linear Technology LT1361 Datasheet HTML 6Page - Linear Technology LT1361 Datasheet HTML 7Page - Linear Technology LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology LT1361 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1361/LT1362
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
(Noninverting)
FREQUENCY (Hz)
10
1
10
in
100
0.1
1
10
en
1k
100
100k
10k
1361/1362 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
Open-Loop Gain vs
Resistive Load
TEMPERATURE (
°C)
0
0.2
0.1
0.7
0.6
0.5
0.3
0.4
– 50
–25
25
100
125
50
75
0
1361/1362 G04
VS = ±15V
IB =
IB
+ + I
B
–
————
2
Input Bias Current vs
Temperature
Input Noise Spectral Density
Open-Loop Gain vs Temperature
TEMPERATURE (
°C)
72
74
73
81
80
79
78
76
75
77
– 50
–25
25
100
125
50
75
0
1361/1362 G07
VS = ±15V
VO = ±12V
RL = 1k
Output Voltage Swing vs
Supply Voltage
Output Voltage Swing vs
Load Current
TEMPERATURE (
°C)
35
40
70
65
60
50
45
55
– 50
–25
25
100
125
50
75
0
1361/1362 G10
VS = ±5V
SOURCE
SINK
Output Short-Circuit Current vs
Temperature
LOAD RESISTANCE (
Ω)
10
60
65
85
100
10k
1361/1362 G06
75
70
1k
80
VS = ±5V
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (
±V)
V –
1
2
3
V +
–1
–3
–2
10
5
015
20
1361/1362 G08
RL = 1k
TA = 25°C
RL = 500Ω
RL = 500Ω
RL = 1k
OUTPUT CURRENT (mA)
1.0
1.5
0.5
V +
V –
– 0.5
–1.0
–1.5
2.0
–2.0
– 50 – 40
–10
30 40
50
010 20
–20
–30
1361/1362 G09
VS = ±5V
VIN = 100mV
85
°C
85
°C
25
°C
25
°C
–40
°C
–40
°C
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
0
40
80
100
60
20
1361/1362 G11
VS = ±15V
AV = 1
RL = 1k
10mV
10mV
1mV
1mV
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
0
40
80
100
60
20
1361/1362 G12
VS = ±15V
AV = –1
RF = 1k
CF = 3pF
10mV
10mV
1mV
1mV
Settling Time vs Output Step
(Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com