Electronic Components Datasheet Search
  English  ▼

X  

LT1361 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1361
Description  Dual and Quad 50MHz, 800V/ms Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1361 Datasheet(HTML) 5 Page - Linear Technology

  LT1361 Datasheet HTML 1Page - Linear Technology LT1361 Datasheet HTML 2Page - Linear Technology LT1361 Datasheet HTML 3Page - Linear Technology LT1361 Datasheet HTML 4Page - Linear Technology LT1361 Datasheet HTML 5Page - Linear Technology LT1361 Datasheet HTML 6Page - Linear Technology LT1361 Datasheet HTML 7Page - Linear Technology LT1361 Datasheet HTML 8Page - Linear Technology LT1361 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1361/LT1362
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
q
13.4
±V
RL = 500Ω, VIN = ±40mV
±15V
q
12.0
±V
RL = 500Ω, VIN = ±40mV
±5V
q
3.4
±V
RL = 150Ω, VIN = ±40mV
±5V
q
3.0
±V
RL = 500Ω, VIN = ±40mV
±2.5V
q
1.2
±V
IOUT
Output Current
VOUT = ±12.0V
±15V
q
24
mA
VOUT = ±3.0V
±5V
q
20
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
q
30
mA
SR
Slew Rate
AV = – 2, (Note 5)
±15V
q
450
V/
µs
±5V
q
175
V/
µs
GBW
Gain Bandwidth
f = 200kHz
±15V
q
30
MHz
±5V
q
20
MHz
Channel Separation
VOUT = ±10V, RL = 500Ω±15V
q
98
dB
IS
Supply Current
Each Amplifier
±15V
q
6.0
mA
Each Amplifier
±5V
q
5.8
mA
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common Mode Range vs
Supply Voltage
SUPPLY VOLTAGE (
±V)
1
3
2
6
5
4
10
5
015
20
1361/1362 G01
–55
°C
25
°C
125
°C
Supply Current vs Supply Voltage
and Temperature
Input Bias Current vs
Input Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
0
0.2
0.1
0.6
0.5
0.4
0.3
–15
–10
0
10
15
5
–5
1361/1362 G03
VS = ±15V
TA = 25°C
IB =
IB
+ + I
B
–
————
2
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±1V on the output with ±1.75V input for ±5V supplies.
Note 6: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVP.
Note 7: This parameter is not 100% tested.
Note 8: The LT1361C/LT1362C are guaranteed functional over the
operating temperature range of –40
°C to 85°C.
Note 9: The LT1361C/LT1362C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1361C/LT1362C are designed,
characterized and expected to meet specified performance from – 40
°C to
85
°C, but are not tested or QA sampled at these temperatures. For
guaranteed I-grade parts, consult the factory.
SUPPLY VOLTAGE (
±V)
V –
2.0
0.5
1.0
1.5
V +
–1.0
– 0.5
–2.0
–1.5
10
5
015
20
1361/1362 G02
TA = 25°C
∆VOS < 1mV
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the temperature range
–40
°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com