Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 1 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1616
600mA, 1.4MHz Step-Down
Switching Regulator
in SOT-23
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1616 is a current mode PWM step-down DC/DC
converter with internal 0.6A power switch, packaged in a
tiny 6-lead SOT-23. The wide input range of 3.6V to 25V
makes the LT1616 suitable for regulating a wide variety of
power sources, from 4-cell batteries and 5V logic rails to
unregulated wall transformers and lead-acid batteries. Its
high operating frequency allows the use of tiny, low cost
inductors and ceramic capacitors. With its internal com-
pensation eliminating additional components, a complete
400mA step-down regulator fits onto 0.15 square inches
of PC board area.
The constant frequency current mode PWM architecture
and stable operation with ceramic capacitors results in
low, predictable output ripple. Current limiting provides
protection against shorted outputs. The low current (<1
µA)
shutdown provides complete output disconnect, enabling
easy power management in battery-powered systems.
s
Wide Input Range: 3.6V to 25V
s
5V at 400mA from 7V to 25V Input
s
3.3V at 400mA from 4.7V to 25V Input
s
Fixed Frequency 1.4MHz Operation
s
Uses Tiny Capacitors and Inductors
s
Internally Compensated
s
Low Shutdown Current: <1
µA
s
Low VCESAT Switch: 220mV at 300mA
s
Tiny 6-Lead SOT-23 Package
s
Wall Transformer Regulation
s
Local Logic Supply Conversion:
12V to 5V
12V or 5V to 3.3V, 2.5V or 1.8V
s
Distributed Supply Regulation
s
Digital Cameras
s
Battery-Powered Equipment
3.3V Step-Down Converter
VIN
BOOST
GND
FB
SHDN
SW
5
VIN
4.5V TO 25V
OFF ON
4
1
6
C3
0.01
µF
D1
D2
L1
10
µH
23
R2
10k
R1
16.5k
LT1616
C2
10
µF
1616 TA01
C1
1
µF
VOUT
3.3V
300mA: VIN = 4.5V TO 25V
400mA: VIN = 4.7V TO 25V
C1: TAIYO-YUDEN TMK316BJ105
C2: TAIYO-YUDEN JMK316BJ106ML
D1: ON SEMICONDUCTOR MBR0530
D2: 1N4148
L1: SUMIDA CR43-100
Efficiency
LOAD CURRENT (mA)
0
80
90
100
300
400
1616 G02
70
60
100
200
500
50
40
30
VIN = 5V
VIN = 20V
VIN = 12V
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1616 LINER-LT1616 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LT1616 LINER-LT1616 Datasheet
287Kb / 28P
Step-Down Switching Regulator
LT1616ES6 LINER-LT1616ES6 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
More results

Similar Description - LT1616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1611 LINER-LT1611 Datasheet
263Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1933 LINER-LT1933 Datasheet
629Kb / 16P
600mA, 500kHz Step-Down Switching Regulator in SOT-23
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LT1616 LINER-LT1616 Datasheet
281Kb / 16P
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
LT1933 LINER-LT1933_1 Datasheet
365Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
LT1611 LINER-LT1611_15 Datasheet
270Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
LT1933 LINER-LT1933_15 Datasheet
368Kb / 20P
600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
logo
New Japan Radio
NJW1616 NJRC-NJW1616 Datasheet
407Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
NJW1933 NJRC-NJW1933 Datasheet
412Kb / 21P
600mA, 500kHz, Step-Down Switching Regulator in SOT-23
logo
Will Semiconductor Ltd.
WD1012EA-5-TR WILLSEMI-WD1012EA-5-TR Datasheet
229Kb / 9P
1.5MHz, 600mA Synchronous Step-Down Regulator in SOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com