Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 3 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1616
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency, VOUT = 5V
LOAD CURRENT (mA)
0
80
90
100
300
400
1616 G01
70
60
100
200
500
50
40
30
VIN = 8V
VIN = 24V
VIN = 12V
LOAD CURRENT (mA)
0
80
90
100
300
400
1616 G02
70
60
100
200
500
50
40
30
VIN = 5V
VIN = 20V
VIN = 12V
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
200
400
1616 G03
600
Efficiency, VOUT = 3.3V
Switch Voltage Drop
Maximum Load Current
at VOUT = 5V
BOOST Pin Current
INPUT VOLTAGE (V)
0
300
400
20
1616 G04
200
100
5
10
15
25
500
L = 15
µH
L = 6.8
µH
L = 10
µH
OUTPUT LIMITED
BY DISSIPATION
Maximum Load Current
at VOUT = 3.3V
INPUT VOLTAGE (V)
0
300
400
20
1616 G05
200
100
5
10
15
25
500
L = 10
µH
L = 4.7
µH
OUTPUT LIMITED
BY DISSIPATION
SWITCH CURRENT (mA)
0
6
8
10
1616 G06
4
2
0
200
400
12
14
16
600
Switch Current Limit
DUTY CYCLE (%)
0
600
TYPICAL
800
1000
80
1616 G07
400
200
0
20
40
60
100
MINIMUM
Feedback Pin Voltage
TEMPERATURE (
°C)
–50
1.22
1.23
1.24
1.25
1.26
1.27
–25
025
50
1616 G08
75
100
Undervoltage Lockout
TEMPERATURE (
°C)
–50
3.1
3.2
3.3
3.4
3.5
3.7
–25
025
50
1616 G11
75
100
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com