Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 4 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1616
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
TEMPERATURE (
°C)
–50
0.75
1.00
1.25
25
75
1616 G09
0.50
0.25
0
–25
0
50
1.50
1.75
2.00
100
SHDN Pin Current
SHDN PIN VOLTAGE
0
0
20
40
60
80
100
120
510
15
20
1616 G10
25
PI FU CTIO S
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch.
GND (Pin 2): Tie the GND pin to a local ground plane below
the LT1616 and the circuit components. Return the feed-
back divider to this pin.
FB (Pin 3): The LT1616 regulates its feedback pin to 1.25V.
Connect the feedback resistor divider tap to this pin. Set
the output voltage according to VOUT = 1.25V (1 + R1/R2).
A good value for R2 is 10k.
SHDN (Pin 4): The SHDN pin is used to put the LT1616 in
shutdown mode. Tie to ground to shut down the LT1616.
Tie to 2V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin.
VIN (Pin 5): The VIN pin supplies current to the LT1616’s
internal regulator and to the internal power switch. This pin
must be locally bypassed.
SW (Pin 6): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com