Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 5 Page - Linear Technology

  LT1616 Datasheet HTML 1Page - Linear Technology LT1616 Datasheet HTML 2Page - Linear Technology LT1616 Datasheet HTML 3Page - Linear Technology LT1616 Datasheet HTML 4Page - Linear Technology LT1616 Datasheet HTML 5Page - Linear Technology LT1616 Datasheet HTML 6Page - Linear Technology LT1616 Datasheet HTML 7Page - Linear Technology LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1616
BLOCK DIAGRA
3
Σ
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
1.25V
FB
1616BD
2
GND
5
VIN
4
SHDN
Q
Q
1
BOOST
6
SW
OPERATIO
The LT1616 is a constant frequency, current mode Buck
regulator. The 1.4MHz oscillator enables an RS flip-flop,
turning on the internal 600mA power switch Q1. An ampli-
fier and comparator monitor the current flowing between
the VINandSWpins,turningtheswitchoffwhenthiscurrent
reaches a level determined by the voltage at VC. An error
amplifier measures the output voltage through an external
resistor divider tied to the FB pin. This amplifier servos the
switch current to regulate the FB pin voltage to 1.25V. An
active clamp on the VC node provides current limit.
An internal regulator provides power to the control cir-
cuitry. This regulator includes an undervoltage lockout to
prevent switching when VIN is less than ~ 3.5V. The
(Refer to Block Diagram)
SHDN pin is used to place the LT1616 in shutdown,
disconnecting the output and reducing the input current
to less than 1
µA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate the
internal bipolar NPN power switch for efficient operation.
The oscillator reduces the LT1616’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during start-
up and overload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com