Electronic Components Datasheet Search
  English  ▼

X  

AN2555 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN2555 - Application note
Modified features
11/33
duration of self-calibration depends on the CPU clock: It may take up to 40.629 ± 1 clock pulses. The
user must poll this bit to know when self-calibration is complete in order to initialize the ADC module.
This self-calibration is seen by the ST10F276Z5 as a conversion and thus bit ADCIR is set. The software
must perform a dummy read of the ADDAT register and clear the ADCIR and ADCEIR flags before
configuring the ADC module and starting the first conversion.
New bit ADOFF, bit 6 of ADCON register
ADCON (FFA0h / A0h)
SFR
Reset Value: 0000h
The bit 6 of the ADCON register, reserved in previous ST10 devices, is now used to enable or disable the
ADC. By default this bit is cleared and the ST10F276Z5 is compatible with the ST10F269Zx. Therefore
there is no impact on the software, provided that the software does not write to this bit.
Additional analog channels on Port1
A new multiplexer selects one out of up to 16+8 analog input channels (alternate functions of Port 5 and
Port1). The selection of Port1 or Port5 as input of the ADC is made via ADCMUX, bit 0 of XMISC register.
By default the multiplexer selects Port5, so there is no impact on the software as compared to an
ST10F269Zx implementation.
Note that XMISCEN, bit 10 of the XPERCON register, must be set to have access to the XMISC register.
XMISC (EB46h)
XREG
Reset Value: --00h
15
14
13
12
11
10
9
8
7
6
543
210
ADCTC
ADSTC
ADCTC ADCIN ADWR ADBSY ADST ADOFF
ADM
ADCH
RW
RW
RW
RW
RW
R
RW
RW
RW
RW
Bit
Function
Comment
ADOFF
ADC Disable
‘0’: Analog circuitry of A/D converter is on
‘1’: Analog circuitry of A/D converter is turned off (no
consumption)
New bit only for the
ST10F276Z5.
Reserved for the
ST10F269Zx.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
--
--
--
--
--
--
VREGOFF CANCK2 CANPAR ADCMUX
RW
RW
RW
RW
Bit
Function
ADCMUX
‘0’ default configuration, analog inputs on port P5.y can be converted
‘1’ analog inputs on port P1.z can be converted, only 8 channel can be managed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com