Electronic Components Datasheet Search
  English  ▼

X  

AN2555 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AN2555 - Application note
New features
18/33
2
New features
2.1
Additional XPeripherals
Some peripherals have been added to the ST10F276Z5. They are mapped on the X-Bus and are linked
to additional alternate functions of some ports of the ST10F276Z5.
The additional XPeripherals are the following:
●
A second SSC (SSC of ST10F269Zx becomes SSC0, while the new one is referred to as XSSC or
simply SSC1). Note that some restrictions and functional differences due to the XBUS peculiarities
are present between the standard SSC, and the new XSSC.
●
A second ASC (ASC0 of ST10F269Zx remains ASC0, while the new one is referred to as XASC or
simply as ASC1). Note that some restrictions and functional differences due to the XBUS
peculiarities are present between the standard ASC, and the new XASC.
●
A second PWM (PWM of ST10F269Zx becomes PWM0, while the new one is referred to as XPWM
or simply as PWM1). Note that some restrictions and functional differences due to the XBUS
peculiarities are present between the standard PWM, and the new XPWM.
●
An I²C interface is added (see X-I²C or simply I²C interface).
2.1.1
Hardware impacts
None if the additional XPeripherals are not used.
2.1.2
Software impacts
None if the additional Peripherals are not used. As they are XPeripherals, they can be enabled / disabled
via the XPERCON and SYSCON registers. By default, the settings of XPERCON and SYSCON are
compatible with the ST10F269Zx.
2.2
New multiplexer for X-Interrupts
The limited number of X-Bus interrupt lines of the present ST10 architecture, imposes some constraints
on the implementation of the new functionalities. In particular, the additional XPeripherals XSSC, XASC,
XI2C and XPWM need some resources to implement interrupts and PEC transfer. For this reason, a
complex but very flexible multiplexed structure for the interrupt is proposed. In Figure 2 the principle is
represented through a simple diagram, which shows the basic structure replicated for each of the four X-
interrupt vectors (XP0INT, XP1INT, XP2INT and XP3INT).
It is based on a new 16-bit register XIRxSEL (x=0,1,2,3), divided into two bytes:
●
Higher Byte (XIRxSEL[15:8]) Interrupt Enable bits
●
Lower Byte (XIRxSEL[7:0]) Interrupt Flag bits
When different sources submit an interrupt request, the enable bits (Higher Byte of XIRxSEL register)
define a mask which controls which sources will be associated with the unique available vector. If more
than one source is enabled to issue the request, the service routine has to identify the real event to be
serviced. This can easily be done by checking the flag bits (Lower Byte of XIRxSEL register). Note that
the flag bit can provide information about events which are not currently serviced by the interrupt
controller (since masked through the enable bits), allowing an effective software management also in the
absence of the possibility to serve the related interrupt request: a periodic polling of the flag bits may be
implemented inside the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com