Electronic Components Datasheet Search
  English  ▼

X  

AN2555 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AN2555 - Application note
Modified features
16/33
1.9
PLL and main on-chip oscillator
Compared to the ST10F269Zx, several modifications have been introduced:
●
PLL multiplication factors have been adapted in order to match the new frequency range.
●
On-chip main oscillator input frequency range has been reshaped, reducing it to a range from 4 to
12 MHz: this allows the power consumption to be reduced when the Real Time Clock is running in
Power Down mode and the on-chip main oscillator clock is used as the reference.
●
When the PLL is used, the CPU frequency range is 16 to 64 MHz.
Figure 1: ST10F276Z5 clock generation diagram gives a simplified description of the CPU clock
generation. Depending on the multiplication factor selected via Port 0 at reset, values are set for each
stage. The CPU clock is in fact generated mainly from a VCO (Voltage Controlled Oscillator) with the
following characteristics:
●
input range: 1 to 3.5 MHz, which is delivered from XTAL divided by a prescaler.
●
output range: 64 to 128 MHz that is then divided through Divider1 to generate the CPU clock
Figure 1.
ST10F276Z5 clock generation diagram
Table 8: ST10F269Zx vs. ST10F276Z5 PLL ratio lists the new PLL multiplication factors and the
corresponding frequency ranges for the ST10F276Z5.
All configurations need a crystal (or ceramic resonator) to generate the CPU clock through the internal
oscillator amplifier, except for the Direct Drive mode (oscillator amplifier disabled, so no crystal or
resonator can be used). Vice versa, the clock can be forced through an external clock source only in
Direct Drive mode.
Table 8.
ST10F269Zx vs. ST10F276Z5 PLL ratio
P0.15-13
(P0H.7-5)
ST10F269Zx
ST10F276Z5
Notes
PLL factor
fCPU = fXTAL * F
PLL factor
fCPU = fXTAL * F
Input Frequency
Range (MHz)
111
FXTAL * 4
FXTAL * 4
4 to 8
Default configuration
110
FXTAL * 3
FXTAL * 3
5.3 to 10.6
101
FXTAL * 8
FXTAL * 8
4 to 8
100
FXTAL * 5
FXTAL * 5
6.4 to 12
011
FXTAL * 1
FXTAL * 1
1 to 64
Direct Drive
010
FXTAL * 1.5
FXTAL * 10
4 to 6.4
001
FXTAL / 2
FXTAL / 2
4 to 12
CPU clock via pre-scaler
000
FXTAL * 2.5
FXTAL * 16
4
Prescaler
VCO
Divider1
fCPU
Divider2
Phase Comparator
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com